Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A3159ZCX Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI5A3159ZCX
Description  SOTINYTM 1??Low-Voltage SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A3159ZCX Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5A3159ZCX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A3159ZCX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3159ZCX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3159ZCX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3159ZCX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3159ZCX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3159ZCX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A3159ZCX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A3159ZCX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
PS8634C
09/13/04
PI5A3159
SOTINYTM 1Ω Low-Voltage
SPDT Analog Switch
Electrical Specifications - Single +2.5V Supply
(V+ = +2.5V ± 10%, GND = 0V, VINH = 1.8V, VINL = 0.6V)
Parameter
Symbol
Conditions
Temp(°C)
Min(1)
Typ(2)
Max(1)
Units
Analog Switch
Analog Signal Range(3)
VANALOG
0
V+
V
On-Resistance
RON
V+ = 1.8V, ICOM = -2mA,
VNO or VNC = 1.5V
25
1.6
2
Full
2.7
On-Resistance Match
Between Channels(4)
∆RON
V+ = 1.8V, ICOM = -2mA,
VNO or VNC = 0.8V, 1.5V
25
0.13
0.16
Full
0.2
On-Resistance Flatness
RFLAT(ON)
25
0.25
0.3
Full
0.45
Dynamic
Turn-On-Time
tON
V+ = 2.5V,
VNO or VNC = 1.8V,
See Fig. 1
25
40
55
ns
Full
70
Turn-Off-Time
tOFF
25
30
40
Full
55
Break-Before-Make
tBBM
See Fig. 3
25
1
33
39
Make-Before-Break
tMBB
See Fig. 4
25
1
9
13
Charge Injection(3)
Q
CL -1nF, VGEN = 0V,
RGEN = 0V, See Fig 2
25
20
pC
Supply
Positive Supply Current
1+
V+ = 2.75V, VIN = 0V or V+,
All Channels ON or OFF
Full
0.5
1
µA
Logic Input
Input HIGH Voltage
VIH
Guaranteed Logic HIGH level
Full
1.8
V
Input LOW Voltage
VIL
Guaranteed Logic LOW level
Full
0.6
Input HIGH Current
IINH
VIN = 2.0V, all others = 0.8V
Full
-1
1
µA
Input LOW Current
IINL
VIN = 0.8V, all others = 2.0V
Full
-1
1
Notes:
1. The algebraic convention, where most negative value is a minimum and most positive is a maximum, is used in this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design.
4. ΔRON = RON max. - RON min.
5. Flatness is defined as the difference between the maximum and minimum value of On-Resistance measured.


Similar Part No. - PI5A3159ZCX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BC6EX PERICOM-PI5A3157BC6EX Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BZUEX PERICOM-PI5A3157BZUEX Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157CEX PERICOM-PI5A3157CEX Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
More results

Similar Description - PI5A3159ZCX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
logo
Fairchild Semiconductor
FSA4157 FAIRCHILD-FSA4157_07 Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
Analog Microelectronics
AME4624 AME-AME4624 Datasheet
153Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620 AME-AME4620_1 Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2031 VISHAY-DG2031 Datasheet
68Kb / 6P
   Low-Voltage, Sub 1, Dual SPDT Analog Switch
Rev. E, 21-Jun-04
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
   Low-Voltage, 1-Ω, Dual SPDT Analog Switch
Rev. B, 21-Jun-04
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
   Low-Voltage SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com