Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A3159ZCEX Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5A3159ZCEX
Description  SOTINYTM 1??Low-Voltage SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A3159ZCEX Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5A3159ZCEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A3159ZCEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3159ZCEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3159ZCEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3159ZCEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3159ZCEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3159ZCEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A3159ZCEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A3159ZCEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
PS8634C
09/13/04
Features
• CMOS Technology for Bus and Analog Applications
• Low On-Resistance: 2Ω at 3.0V
• Wide VCC Range: +1.8V to +5.5V
• Low Power Consumption : 5µW
• Rail-to-Rail switching throughout Signal Range
• Fast Switching Speed: 30ns max. at 5V
• High Off Isolation: –57dB at 10MHz
• –57dB (1 MHz) Crosstalk Rejection Reduces Signal Distortion
• Break-Before-Make Switching
• Extended Industrial Temperature Range: –40
°C to 85°C
• Low On-Resistance Replacement for NC7SB3157
• Packaging (Pb-free & Green available):
- 6-pin SOT-23 (T)
- 6-contact TDFN-6 (ZC)
Applications
• Cell Phones
• PDAs
• Portable Instrumentation
• Battery Powered Communications
• Computer Peripherals
PI5A3159
SOTINYTM 1Ω Low-Voltage
SPDT Analog Switch
Description
The PI5A3159 is a high-bandwidth, fast single-pole double-throw
(SPDT) CMOS switch. It can be used as an analog switch or as
a low-delay bus switch. Specified over a wide operating power
supply voltage range, 1.8V to 5.5V, the PI5A3159 has a maximum
On-Resistance of 4Ω at 1.8V, 2.4Ω at 2.3V & 1Ω at 4.5V.
Break-before-make switching prevents both switches being
enabled simultaneously. This eliminates signal disruption during
switching.
Control input, S, tolerates input drive signals up to 5.5V, inde-
pendent of supply voltage.
PI5A3159 is a low On-Resistance replacement for the PI5A3157
and NC7SB3157.
Logic Function Table
Logic Input(s)
Function
0
B0 Connected to A
1
B1 Connected to A
Connection Diagrams
B1
GND
1
2
3
6
4
B0
S
5 VCC
A
B0
GND
1
2
3
6
4
B1
A
5 VCC
S
SOT-23
TDFN
Pin Description
Pin Number Name
Description
1
B1
Data Port
2
GND
Ground
3
B0
Data Port (Normally Closed)
4
A
Common Output/Data Port
5
VCC
Positive Power Supply
6
S
Logic Control


Similar Part No. - PI5A3159ZCEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BC6EX PERICOM-PI5A3157BC6EX Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BZUEX PERICOM-PI5A3157BZUEX Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157CEX PERICOM-PI5A3157CEX Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
More results

Similar Description - PI5A3159ZCEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
logo
Fairchild Semiconductor
FSA4157 FAIRCHILD-FSA4157_07 Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
Analog Microelectronics
AME4624 AME-AME4624 Datasheet
153Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620 AME-AME4620_1 Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2031 VISHAY-DG2031 Datasheet
68Kb / 6P
   Low-Voltage, Sub 1, Dual SPDT Analog Switch
Rev. E, 21-Jun-04
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
   Low-Voltage, 1-Ω, Dual SPDT Analog Switch
Rev. B, 21-Jun-04
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
   Low-Voltage SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com