Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5C34X245ZA Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5C34X245ZA
Description  32-Bit, 2-Port Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C34X245ZA Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5C34X245ZA Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C34X245ZA Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C34X245ZA Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C34X245ZA Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C34X245ZA Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PS7058F
08/2/04
1
Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra-low quiescent power (0.2µA typical)
– Ideally suited for notebook applications
• Pin compatible with QS32X245
• Industrial operating temperature: –40°C to +85°C
• Packaging (Pb-free & Green available):
– 80-pin BQSOP (B)
– 80-pin DFN (ZA)
PI5C34X245
Block Diagram
Pin Configuration
Description
PericomSemiconductor’sPI5Cseriesoflogiccircuitsareproduced
in the Company’s advanced submicron CMOS technology.
The PI5C34X245 is a 32-bit, 2-port bus switch. Two enable signals
(BEn) turn the switches on. The bus switch creates no additional
propagational delay or additional ground bounce noise.
32-Bit, 2-Port Bus Switch
BE1
A7
A0
B7
B0
BE2
A15
A8
B15
B8
BE3
A23
A16
B23
B16
BE4
A31
A24
B31
B24
VCC
BE1
B0
B1
B2
B3
B4
B5
B6
B7
VCC
BE2
B8
B9
B10
B11
B12
B13
B14
B15
VCC
BE3
B16
B17
B18
B19
B20
B21
B22
B23
VCC
BE4
B24
B25
B26
B27
B28
B29
B30
B31
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
NC
A0
A1
A2
A3
A4
A5
A6
A7
GND
NC
A8
A9
A10
A11
A12
A13
A14
A15
GND
NC
A16
A17
A18
A19
A20
A21
A22
A23
GND
NC
A24
A25
A26
A27
A28
A29
A30
A31
GND


Similar Part No. - PI5C34X245ZA

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C34X245BE PERICOM-PI5C34X245BE Datasheet
628Kb / 4P
   32-Bit, 2-Port Bus Switch
PI5C34X245 PERICOM-PI5C34X245_11 Datasheet
628Kb / 4P
   32-Bit, 2-Port Bus Switch
More results

Similar Description - PI5C34X245ZA

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C34X245 PERICOM-PI5C34X245_11 Datasheet
628Kb / 4P
   32-Bit, 2-Port Bus Switch
PI3VT34X245 PERICOM-PI3VT34X245 Datasheet
262Kb / 4P
   32-Bit, 2-Port, Low Voltage Translator Bus Switch
logo
Potato Semiconductor Co...
PO3B3245A POTATO-PO3B3245A Datasheet
544Kb / 6P
   8-Bit, 2-Port Bus Switch
PO3B16861A POTATO-PO3B16861A Datasheet
548Kb / 6P
   20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C32X384 PERICOM-PI5C32X384_06 Datasheet
464Kb / 5P
   20-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B16245A POTATO-PO3B16245A_14 Datasheet
1Mb / 5P
   16-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C3384S PERICOM-PI5C3384S Datasheet
466Kb / 6P
   10-Bit, 2-Port Bus Switch
PI5C3245 PERICOM-PI5C3245_10 Datasheet
696Kb / 5P
   8-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B3245A POTATO-PO3B3245A_14 Datasheet
1Mb / 5P
   8-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C3245 PERICOM-PI5C3245 Datasheet
159Kb / 3P
   8-Bit, 2-Port Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com