Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC752600OAFNBNXZC-PF Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # TC752600OAFNBNXZC-PF
Description  TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TC752600OAFNBNXZC-PF Datasheet(HTML) 2 Page - Advanced Crystal Technology

  TC752600OAFNBNXZC-PF Datasheet HTML 1Page - Advanced Crystal Technology TC752600OAFNBNXZC-PF Datasheet HTML 2Page - Advanced Crystal Technology TC752600OAFNBNXZC-PF Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TCXO part number generation
TC75
2600
M
B
X
N
B
N
X
Z
L
‐PF
ACT
series
Code
Frequency
(MHz)
Ex. 26.00MHz
Temp. 
stability 
(±ppm)
Supply 
voltage
(V)
Operating 
temp. range 
(°C)
Frequency
 tuning       
(±ppm)
Output 
wave
Mechanical
 tuning   
(±ppm)
Polarity
Duty
 Cycle
Tape
 & 
Reel
RoHS
Code
TC75
< 100MHz
First 4 digit of 
frequency
> 100MHz 
First 5 digit of 
frequency
0.5 = R
1.0 = P
1.5 = O
2.0 = N
 2.5 = M
3.0 = L
3.3V = B
5.0V = A
   0 ~ 50    = D
‐10 ~ +60 = F
‐20 ~ +70 = B
 ‐30 ~ +75 = W
‐30 ~ +85 = X
‐40 ~ +85 = K
None  = NCSW  = BNone =  XNone = XNot 
specified
=
 Z
Loose = L
1000  = C
3000  = D
‐PF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example Part Number : TC752600MBXNBXXZL‐PF [26MHz], TC751474MBXNBXXZL‐PF [14.7456MHz]
VC‐TCXO part number generation
VTC75
1474
M
B
X
N
B
X
D
P
E
Z
L
‐PF
ACT
Series
Code
Frequency
(MHz)
Ex. 
14.7456MHz
Temp. 
stability 
(±ppm)
Supply 
voltage
(V)
Operating 
temp. range 
(°C)
Frequency
 tuning      
(±ppm)
Output 
wave
Form
Mechanical
 tuning   
(±ppm)
Electrical 
tuning
(±ppm)
Polarity Linearity
Duty
 Cycle
Tape
 & 
Reel
RoHS 
code
VTC75
< 100MHz
First 4 digit 
of frequency
> 100MHz 
First 5 digit 
of frequency
0.5 = R
1.0 = P
1.5 = O
2.0 = N
 2.5 = M
3.0 = L
3.3V = B
5.0V = A
   0 ~ 50   = D
‐10 ~ +60 = F
‐20 ~ +70 = B
‐30~ +75 = W
‐30 ~ +85 = X
‐40 ~ +85 = K
Voltage 
control 
only
  = 
E
CSW
 =
 B
None
 =
  X
±5.0
 = 
 D
Positive 
=
P
±10%
 =
E
Not 
specified 
=
Z
Loose = L
1000  = C
3000  = D
‐PF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example Part Number : VTC751474MBXEBXDPEZL‐PF (14.7456MHz)
(V)TCSW75 Series
TCXO/VC‐TCXO, 7.0 x 5.0mm, Clipped sine wave
Advanced Crystal Technology (A wholly owned Acal BFi Company)
Tel: +44 (0) 118 978 8878  Email info@actcrystals.com / www.actcrystals.com 
ISO9001 Registered 
Specifications subject to change without notification 


Similar Part No. - TC752600OAFNBNXZC-PF

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC75202 CDE-TC75202 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
TC75251 CDE-TC75251 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
More results

Similar Description - TC752600OAFNBNXZC-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TSK3225 ACT-TSK3225 Datasheet
752Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TCT75-4 ACT-TCT75-4_17 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
01/02/2017
TFCT75 ACT-TFCT75 Datasheet
768Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, HCMOS, Programmable
25042016
TCT75-4 ACT-TCT75-4 Datasheet
766Kb / 3P
   TCXO/VC-TCXO 7.0 x 5.0mm, HCMOS/TTL
25042016
TDLV75 ACT-TDLV75 Datasheet
866Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, LVDS output
25042016
logo
QUARTZCOM the communica...
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TPL75 ACT-TPL75 Datasheet
2Mb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, LVPECL output
25042016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com