Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QAWA-36-12 Datasheet(PDF) 2 Page - Qualtek Electronics Corporation

Part # QAWA-36-12
Description  30/36 Watts Single Output Wall Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

QAWA-36-12 Datasheet(HTML) 2 Page - Qualtek Electronics Corporation

  QAWA-36-12 Datasheet HTML 1Page - Qualtek Electronics Corporation QAWA-36-12 Datasheet HTML 2Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
30/36 Watts Single Output Wall Mount
QAWA-30/36 Series
Q
ualtek
Electronics Corporation
P
P C
ISO-9001 Company
www.qualtekusa.com
Page 2 of 2
MECHANICAL SPECIFICATIONS
UNIT: mm
DERATING CURVE
QAWA-30/36-XX-EU
QAWA-30/36-XX-UK
QAWA-30/36-XX-US
QAWA-30/36-XX-AU
34.0
1500±30
79
34.0
56.3
94
18.3
1500±30
79
34.0
56.3
63.0
49.0
79
34.0
10.0
74
1500±30
74
34.0
1500±30
56.3
65.2
79
34.0
17.3
UL1185 16AWG for 5 ~ 7.5V
UL1185 18AWG for 8.5 ~ 9V
UL2468 18AWG for 12 ~ 18V
UL2468 20AWG for 24V
UL2468 22AWG for 48V
Note: 5V = 1000mm
UL1185 16AWG for 5 ~ 7.5V
UL1185 18AWG for 8.5 ~ 9V
UL2468 18AWG for 12 ~ 18V
UL2468 20AWG for 24V
UL2468 22AWG for 48V
UL1185 16AWG for 5 ~ 7.5V
UL1185 18AWG for 8.5 ~ 9V
UL2468 18AWG for 12 ~ 18V
UL2468 20AWG for 24V
UL2468 22AWG for 48V
UL1185 16AWG for 5 ~ 7.5V
UL1185 18AWG for 8.5 ~ 9V
UL2468 18AWG for 12 ~ 18V
UL2468 20AWG for 24V
UL2468 22AWG for 48V
Note: 5V = 1000mm
Note: 5V = 1000mm
Note: 5V = 1000mm
Rev. B
100
80
60
40
20
20
40
60
010
30
50
AMBIENT TEMPERATURE(


Similar Part No. - QAWA-36-12

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QAWA-18 QUALTEK-QAWA-18 Datasheet
374Kb / 2P
   18 Watts Single Output Wall Mount
QAWA-18-10 QUALTEK-QAWA-18-10 Datasheet
374Kb / 2P
   18 Watts Single Output Wall Mount
QAWA-18-12 QUALTEK-QAWA-18-12 Datasheet
374Kb / 2P
   18 Watts Single Output Wall Mount
QAWA-18-15 QUALTEK-QAWA-18-15 Datasheet
374Kb / 2P
   18 Watts Single Output Wall Mount
QAWA-18-16 QUALTEK-QAWA-18-16 Datasheet
374Kb / 2P
   18 Watts Single Output Wall Mount
More results

Similar Description - QAWA-36-12

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QFWB-36 QUALTEK-QFWB-36 Datasheet
246Kb / 2P
   36 Watts Single Output Wall Mount
QFWB-30 QUALTEK-QFWB-30 Datasheet
375Kb / 2P
   30 Watts Single Output Wall Mount
QFWB-65 QUALTEK-QFWB-65 Datasheet
1Mb / 2P
   65 Watts Single Output Wall Mount
QAWA-18 QUALTEK-QAWA-18 Datasheet
374Kb / 2P
   18 Watts Single Output Wall Mount
QFWB-5 QUALTEK-QFWB-5 Datasheet
194Kb / 2P
   5 Watts Single Output Wall Mount
QFWB-10 QUALTEK-QFWB-10 Datasheet
286Kb / 2P
   10 Watts Single Output Wall Mount
QFWB-18 QUALTEK-QFWB-18 Datasheet
281Kb / 2P
   18 Watts Single Output Wall Mount
QAWA-24 QUALTEK-QAWA-24 Datasheet
373Kb / 2P
   24 Watts Single Output Wall Mount
logo
Wall Industries,Inc.
WMIPEM1024 WALL-WMIPEM1024 Datasheet
261Kb / 3P
   16 - 36 Watts, Medical AC - DC Wall Mount Power
logo
Powerbox
TR36 POWERBOX-TR36 Datasheet
278Kb / 1P
   36 WATTS SINGLE OUTPUT AC/DC GENERAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com