Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QFWB-5-5 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # QFWB-5-5
Description  5 Watts Single Output Wall Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

QFWB-5-5 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  QFWB-5-5 Datasheet HTML 1Page - Qualtek Electronics Corporation QFWB-5-5 Datasheet HTML 2Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Energy Efficiency Level VI
Output Protections: SCP/OCP
QFWB-5-5.9
QFWB-5-7
QFWB-5-8
QFWB-5-9
5 Watts Single Output Wall Mount
QFWB-5 Series
Q
ualtek
Electronics Corporation
P
P C
Page 1 of 2
Output Characteristics
Input Characteristics
Environmental Characteristics
Characteristics
Model
DC Output
Rated Current
Ripple and Noise
Load Regulation (Typ.)
Turn On Delay
Hold-up Time (Typ.)
Output Protection
Ferrite Core
Voltage Range
Frequency Range
Efficiency
AC Current (max)
Input Protection
Leakage Current
Operating Temperature
Operating Relative Humidity
Storage Temperature
Topology
Dielectric Withstand
EMI Conduction & Radiation
Harmonic Current
EMS Immunity
MTBF
Dimension (LxWxH)
Weight
Features:
5V
1.2A
200mV Max
±5%
3S Max
10mS @ Rated Load 115VAC,
20mS @ Rated Load 230VAC
Short Circuit, Over Current
No
7V
0.85A
8V
0.75A
9V
0.66A
100VAC~240VAC
50Hz-60Hz
DoE Level VI, Energy Star
0.25A
Internal Primary Current Fuse, Inrush Limiting
0.25mA @ 264VAC/50Hz
0°C~40°C
10% RH to 80% RH
-20°C~80°C, 5% RH to 95% RH
Switching Flyback
3000VAC/10mA Primary-Secondary
Compliance to EN55022 Class B, FCC Part 15 Class B
Compliance to EN61000-3-2, 3
Compliance to IEC61000-4-2, 3, 4, 5, 6, 8, 11
50,000Hrs (25°C, Telecordia SR-332)
42x23.7x42mm
55g
No Load Power Consumption <0.1W
QFWB-5-10
10V
0.60A
5.9V
1.0A
QFWB-5-5
Universal AC input/ Full Range
1 Year Warranty
QFWB-5-12
12V
0.50A
QFWB-5-15
15V
0.40A
5
QFWB
AA BB
12
SERIES
OUTPUT WATTAGE
OUTPUT VOLTAGE
INPUT PLUG
OUTPUT CONNECTOR
PART NUMBER SYSTEM
US Plug
US
Please Reference Output Plug Type Page
QWFB-5-18
18V
0.33A
QFWB-5-24
24V
0.25A


Similar Part No. - QFWB-5-5

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QFWB-10 QUALTEK-QFWB-10 Datasheet
286Kb / 2P
   10 Watts Single Output Wall Mount
QFWB-10-10 QUALTEK-QFWB-10-10 Datasheet
286Kb / 2P
   10 Watts Single Output Wall Mount
QFWB-10-12 QUALTEK-QFWB-10-12 Datasheet
286Kb / 2P
   10 Watts Single Output Wall Mount
QFWB-10-15 QUALTEK-QFWB-10-15 Datasheet
286Kb / 2P
   10 Watts Single Output Wall Mount
QFWB-10-24 QUALTEK-QFWB-10-24 Datasheet
286Kb / 2P
   10 Watts Single Output Wall Mount
More results

Similar Description - QFWB-5-5

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QFWB-65 QUALTEK-QFWB-65 Datasheet
1Mb / 2P
   65 Watts Single Output Wall Mount
QAWA-18 QUALTEK-QAWA-18 Datasheet
374Kb / 2P
   18 Watts Single Output Wall Mount
QFWB-10 QUALTEK-QFWB-10 Datasheet
286Kb / 2P
   10 Watts Single Output Wall Mount
QFWB-36 QUALTEK-QFWB-36 Datasheet
246Kb / 2P
   36 Watts Single Output Wall Mount
QFWB-18 QUALTEK-QFWB-18 Datasheet
281Kb / 2P
   18 Watts Single Output Wall Mount
QFWB-30 QUALTEK-QFWB-30 Datasheet
375Kb / 2P
   30 Watts Single Output Wall Mount
QAWA-24 QUALTEK-QAWA-24 Datasheet
373Kb / 2P
   24 Watts Single Output Wall Mount
QAWA-30 QUALTEK-QAWA-30 Datasheet
304Kb / 2P
   30/36 Watts Single Output Wall Mount
logo
Wall Industries,Inc.
WMSAW14 WALL-WMSAW14 Datasheet
669Kb / 5P
   6~15 Watts AC/DC Wall Mount Power Supplies Single Output
PSABC05 WALL-PSABC05 Datasheet
237Kb / 4P
   5 Watts AC/DC PCB Mount Supply Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com