Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-562X-10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C-562X-10
Description  DUAL DIGITS DISPLAY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C-562X-10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C-562X-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C/A-562X, C/A-562X-10
DUAL DIGITS DISPLAY
Part No.
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(ucd)10mA
Shape
Common
Cathode
Common
Anode
Raw
Material
Emitted
Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
Fig. No.
C-562H
A-562H
GaP
Red
700
2.1
2.8
650
C-562E
A-562E
GaAsP/GaP Hi.effi Red
635
2.0
2.8
2000
C-562G
A-562G
GaP
Green
565
2.1
2.8
2000
C-562Y
A-562Y
GaAsP/GaP Yellow
585
2.1
2.8
1600
C-562SR
A-562SR
GaAlAs
Super Red
660
1.8
2.4
21000
D33
C-562H-10
A-562H-10
GaP
Red
700
2.1
2.8
650
C-562E-10
A-562E-10
GaAsP/GaP Hi.effi Red
635
2.0
2.8
2000
C-562G-10
A-562G-10
GaP
Green
565
2.1
2.8
2000
C-562Y-10
A-562Y-10
GaAsP/GaP Yellow
585
2.1
2.8
1600
C-562SR-10
A-562SR-10
GaAlAs
Super Red
660
1.8
2.4
21000
D34
Fig.D33
Fig.D34
1.All dimension are in millimeters (inches).
2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified.


Similar Part No. - C-562X-10

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
C-562-K PREMO-C-562-K Datasheet
192Kb / 1P
   Coils and Chokes for general use
logo
List of Unclassifed Man...
C-562E ETC1-C-562E Datasheet
73Kb / 1P
   DUAL DIGITS DISPLAY
C-562E ETC1-C-562E Datasheet
114Kb / 1P
   DUAL DIGITS DISPLAY
C-562E-10 ETC1-C-562E-10 Datasheet
73Kb / 1P
   DUAL DIGITS DISPLAY
C-562E-10 ETC1-C-562E-10 Datasheet
114Kb / 1P
   DUAL DIGITS DISPLAY
More results

Similar Description - C-562X-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-562H ETC1-C-562H Datasheet
73Kb / 1P
   DUAL DIGITS DISPLAY
A-562H ETC1-A-562H Datasheet
114Kb / 1P
   DUAL DIGITS DISPLAY
C-302H ETC1-C-302H Datasheet
109Kb / 1P
   DUAL DIGITS DISPLAY
C-502X-10 ETC-C-502X-10 Datasheet
111Kb / 1P
   DUAL DIGITS DISPLAY
A-392G ETC-A-392G Datasheet
107Kb / 1P
   DUAL DIGITS DISPLAY
logo
PARA LIGHT ELECTRONICS ...
A-362G-L60 PARALIGHT-A-362G-L60 Datasheet
197Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
A-402G PARALIGHT-A-402G Datasheet
215Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402G-10 PARALIGHT-A-402G-10 Datasheet
201Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402UB-A PARALIGHT-A-402UB-A Datasheet
195Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402Y PARALIGHT-A-402Y Datasheet
206Kb / 11P
   0.4 INCH DUAL DIGITS DISPLAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com