Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5C3125L Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI5C3125L
Description  4-Bit Bus Switch with Individual Enables
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3125L Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI5C3125L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3125L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3125L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3125L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3125L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5C3125L Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PI5C3125/3126
4-Bit Bus Switch w/Individual Enables
6
PS7013F
09/13/04
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Ordering Information
Ordering Code
Package Type
Package Description
PI5C3125L
L
14-pin TSSOP
PI5C3125LE
L
Pb-free & Green, 14-pin TSSOP
PI5C3125W
W
14-pin SOIC
PI5C3125WE
W
Pb-free & Green, 14-pin SOIC
PI5C3125Q
Q
14-pin QSOP
PI5C3125QE
Q
Pb-free & Green, 14-pin QSOP
PI5C3126L
L
14-pin TSSOP
PI5C3126LE
L
Pb-free & Green, 14-pin TSSOP
PI5C3126W
W
14-pin SOIC
PI5C3126WE
W
Pb-free & Green, 14-pin SOIC
PI5C3126Q
Q
14-pin QSOP
PI5C3126QE
Q
Pb-free & Green, 14-pin QSOP
Notes:
1.
Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2.
X = Tape and reel


Similar Part No. - PI5C3125L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3125C PERICOM-PI5C3125C Datasheet
286Kb / 6P
   4-Bit BusSwitch with -2V Undershoot Protection
PI5C3125QE PERICOM-PI5C3125QE Datasheet
498Kb / 5P
   4-Bit Bus Switch with Individual Enables
PI5C3125 PERICOM-PI5C3125_10 Datasheet
498Kb / 5P
   4-Bit Bus Switch with Individual Enables
More results

Similar Description - PI5C3125L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3125 PERICOM-PI5C3125_10 Datasheet
498Kb / 5P
   4-Bit Bus Switch with Individual Enables
PI5C3305 PERICOM-PI5C3305 Datasheet
38Kb / 3P
   2-Bit Bus Switch with Individual Enables
PI5C3305 PERICOM-PI5C3305_09 Datasheet
490Kb / 6P
   2-Bit Bus Switch with Individual Enables
logo
Vaishali Semiconductor
VS3125 VAISH-VS3125 Datasheet
60Kb / 6P
   Quad Bus Switch with Individual Active Low Enables
logo
Potato Semiconductor Co...
PO3B3125A POTATO-PO3B3125A Datasheet
551Kb / 6P
   High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3126A POTATO-PO3B3126A_14 Datasheet
1Mb / 5P
   High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3126A POTATO-PO3B3126A Datasheet
550Kb / 6P
   8-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3125A POTATO-PO3B3125A_14 Datasheet
1Mb / 5P
   High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Vaishali Semiconductor
VS3V125 VAISH-VS3V125 Datasheet
62Kb / 6P
   3.3V Quad Bus Switch with Individual Active Low Enables
logo
Nexperia B.V. All right...
74CBTLV3244 NEXPERIA-74CBTLV3244 Datasheet
269Kb / 15P
   8-bit bus switch with 4-bit output enables
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com