Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

151053RS03000 Datasheet(PDF) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 151053RS03000
Description  WL-TMRW THT LED round mono-color waterclear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

151053RS03000 Datasheet(HTML) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  151053RS03000 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 151053RS03000 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 151053RS03000 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 151053RS03000 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 151053RS03000 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 151053RS03000 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 151053RS03000 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 151053RS03000 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 151053RS03000 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1.9
1.8
1.7
1.6
1.5
1.4
1.3
REV
2015-03-23
2014-11-03
2014-03-17
2013-09-12
2013-11-05
2013-10-08
2013-09-10
DATE
SSt
SSt
SSt
SSt
SSt
SSt
SSt
BY
HOe
ZAn
SSt
PLD
PLD
PLD
SSt
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WL-TMRW THT LED round mono-color
waterclear
Order.- No.
151053RS03000
SIZE
A4
Size: 5 mm
H1: Classification Wave Soldering Profile for THT components:
H2: Classification Wave Profile
Profile Feature
Preheat
- Temperature Min (Ts min)
- Temperature Typical (Ts typical)
- Temperature Max (Ts max)
- Time (ts) from (Ts min to Ts max)
Δ preheat to max Temperature
Peak temperature (Tp)
Time of actual peak temperature (tp)
Ramp-down rate
- Min
- Typical
- Max
Time 25°C to 25°C
Applied cycles
Pb-Free Assembly
100°C
120°C
130°C
70 seconds
150°C max.
245°C - 260°C
5-8 seconds max.
~ 2 K/s
~ 3.5 K/s
~ 5 K/s
4 minutes
1 cycle max.
Sn-Pb Assembly
100°C
120°C
130°C
70 seconds
150°C max.
235°C - 260°C
3-6 seconds max.
~ 2 K/s
~ 3.5 K/s
~ 5 K/s
4 minutes
1 cycle max.
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 151053RS03000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
151053BS04500 WURTH-151053BS04500 Datasheet
1Mb / 9P
   WL-TMRW THT LED round mono-color waterclear
151053GS03000 WURTH-151053GS03000 Datasheet
1Mb / 9P
   WL-TMRW THT LED round mono-color waterclear
151053YS04500 WURTH-151053YS04500 Datasheet
1Mb / 9P
   WL-TMRW THT LED round mono-color waterclear
More results

Similar Description - 151053RS03000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
151053BS04500 WURTH-151053BS04500 Datasheet
1Mb / 9P
   WL-TMRW THT LED round mono-color waterclear
151033BS03000 WURTH-151033BS03000 Datasheet
1Mb / 9P
   WL-TMRW THT LED round mono-color waterclear
151054RS03000 WURTH-151054RS03000 Datasheet
1Mb / 9P
   WL-TMRW THT LED round mono-color waterclear
151034BS03000 WURTH-151034BS03000 Datasheet
519Kb / 7P
   WL-TMRW THT Mono-color Round Waterclear
151033GS03000 WURTH-151033GS03000 Datasheet
519Kb / 7P
   WL-TMRW THT Mono-color Round Waterclear
151054YS04500 WURTH-151054YS04500 Datasheet
1Mb / 9P
   WL-TMRW THT LED round mono-color waterclear
151053GS03000 WURTH-151053GS03000 Datasheet
1Mb / 9P
   WL-TMRW THT LED round mono-color waterclear
151033YS03000 WURTH-151033YS03000 Datasheet
1Mb / 9P
   WL-TMRW THT LED round mono-color waterclear
151053YS04500 WURTH-151053YS04500 Datasheet
1Mb / 9P
   WL-TMRW THT LED round mono-color waterclear
151054BS04500 WURTH-151054BS04500 Datasheet
1Mb / 9P
   WL-TMRW THT LED round mono-color waterclear
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com