Electronic Components Datasheet Search |
|
M61522STCN Datasheet(PDF) 1 Page - MTRONPTI |
|
M61522STCN Datasheet(HTML) 1 Page - MTRONPTI |
1 / 7 page MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321. M615x Series 5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO Product Features Product Description Product Ordering Information Features Stratum 3 Performance with 0.34 ppm (pk-pk) Holdover Stability Over • Industrial Temperature Range (-40 °C to +85 °C) 3.0 V, 3.3 V and 5.0 V Options • Low Phase Noise and Excellent G-Sens Performance (1.5 ppb/g) • Tristate Function Available • Available in Clipped Sine Wave or HCMOS • Applications Synchronous Ethernet Slave Clocks ITU-T G.8262 EEC Options 1 & 2 • Compliant to Stratum 3 GR-1244-Core & GR-253-Core • SONET/SDH Network Timing • Wireless Communications • Ordering Information M6151 2 S T S N 00.0000 MHz Product Series M6150 = 5.0 V M6151 = 3.3 V M6152 = 3.0 V Temperature Range 1: 0 °C to +70 °C 8: 0 °C to +50 °C 2: -40 °C to +85 °C F: -30 °C to +75 °C 6: -20 °C to +70 °C Stability S: ±4.6 ppm w/Holdover Output Type T: Voltage Controlled With Tristate F: No Voltage Control With Tristate Output Waveform C: HCMOS S: Clipped Sine Wave Package/Lead Configurations N: Leadless Ceramic (10 pads) Frequency (customer specified) M615xSxxx - Custom datasheets. MtronPTI’s M615x Series TCXO and TCVCXO provide network and wireless engineers with low voltage, surface mount products with extremely tight stability over temperature and time. MtronPTI’s unique approach to crystal compensation enables these devices to achieve full Stratum 3 compliance, including holdover stability over the industrial temperature range (-40 °C to +85 °C). Specially processed crystals enable the M615x to achieve consistent long-term stability and minimalfrequencyshiftafterreflow.Thisprocessingalsoachievesexcellentg-sensitivity(1.5ppb/g).Thelowphase noise (-155 dBc/Hz at 100 kHz offset) makes the M615x ideal for the design engineer working on all types of systems as the reference timing source. Rev: 07/17/2013 |
Similar Part No. - M61522STCN |
|
Similar Description - M61522STCN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |