Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5C3125Q Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI5C3125Q
Description  4-Bit Bus Switch with Individual Enables
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3125Q Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5C3125Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3125Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3125Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3125Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3125Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5C3125Q Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PI5C3125/3126
4-Bit Bus Switch w/Individual Enables
5
PS7013F
09/13/04
.189
.197
.053
.069
.004
.010
SEATING
PLANE
.025
BSC
.007
.010
.228
.244
1
16
.150
.157
.016
.050
X.XX
X.XX
DENOTES DIMENSIONS IN MILLIMETERS
0.635
4.80
5.00
1.35
1.75
5.79
6.19
0.101
0.254
.008
.012
0.203
0.305
3.81
3.99
0.178
0.254
0.38
0.41
1.27
.008
0.203
.015 x 45
°
REF
Detail A
Detail A
.008
0.20
MIN.
Guage Plane
.010
0.254
.041
1.04
REF
.016
.035
0.41
0.89
0˚-6˚
.008
.013
0.20
0.33
SEATING PLANE
.050
BSC
1
14
x 45˚
0-8˚
.149
.157
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
3.78
3.99
.336
.344
8.55
8.75
.0155
.026
0.393
0.660
1.27
.053
.068
1.35
1.75
.2284
.2440
5.80
6.20
.013
.020
0.330
0.508
.0040
.0098
0.10
0.25
.0099
.0196
0.25
0.50
.0075
.0098
0.19
0.25
.016
.050
0.41
1.27
REF
Packaging Mechanical: 14-Pin SOIC (W)
Packaging Mechanical: 16-Pin QSOP (Q)


Similar Part No. - PI5C3125Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3125QE PERICOM-PI5C3125QE Datasheet
498Kb / 5P
   4-Bit Bus Switch with Individual Enables
More results

Similar Description - PI5C3125Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3125 PERICOM-PI5C3125_10 Datasheet
498Kb / 5P
   4-Bit Bus Switch with Individual Enables
PI5C3305 PERICOM-PI5C3305 Datasheet
38Kb / 3P
   2-Bit Bus Switch with Individual Enables
PI5C3305 PERICOM-PI5C3305_09 Datasheet
490Kb / 6P
   2-Bit Bus Switch with Individual Enables
logo
Vaishali Semiconductor
VS3125 VAISH-VS3125 Datasheet
60Kb / 6P
   Quad Bus Switch with Individual Active Low Enables
logo
Potato Semiconductor Co...
PO3B3125A POTATO-PO3B3125A Datasheet
551Kb / 6P
   High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3126A POTATO-PO3B3126A_14 Datasheet
1Mb / 5P
   High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3126A POTATO-PO3B3126A Datasheet
550Kb / 6P
   8-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3125A POTATO-PO3B3125A_14 Datasheet
1Mb / 5P
   High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Vaishali Semiconductor
VS3V125 VAISH-VS3V125 Datasheet
62Kb / 6P
   3.3V Quad Bus Switch with Individual Active Low Enables
logo
Nexperia B.V. All right...
74CBTLV3244 NEXPERIA-74CBTLV3244 Datasheet
269Kb / 15P
   8-bit bus switch with 4-bit output enables
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com