Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT64LC40PTE13 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT64LC40PTE13
Description  1K/2K/4K-Bit SPI Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT64LC40PTE13 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT64LC40PTE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT64LC40PTE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT64LC40PTE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT64LC40PTE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT64LC40PTE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT64LC40PTE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT64LC40PTE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT64LC40PTE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT64LC40PTE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Discontinued
Parts
10
CAT64LC10/20/40
Doc. No. 1021, Rev. C
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a 64LC10SI-TE13 (SOIC, Industrial Temperature, Tape & Reel)
P: PDIP
S: SOIC (JEDEC)
J: SOIC (JEDEC)
U: TSSOP
UR: TSSOP (Rotated)
L: PDIP (Lead free, Halogen free)
V: SOIC (JEDEC) (Lead free, Halogen free)
W: SOIC (JEDEC) (Lead free, Halogen free)
Y: TSSOP (Lead free, Halogen free)
YR: TSSOP (Rotated) (Lead free, Halogen free)


Similar Part No. - CAT64LC40PTE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT64LC40PTE13 CATALYST-CAT64LC40PTE13 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
More results

Similar Description - CAT64LC40PTE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24C01 HOLTEK-HT24C01 Datasheet
444Kb / 9P
   1K/2K/4K-Bit HI2C Interface Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com