Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5C3390 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5C3390
Description  16-to-8 Multiplexer/Demultiplexer Bus Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3390 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C3390 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3390 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3390 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3390 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
PS7030E
09/15/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5C3390; PI5C32390
16:8 Multiplexer/Demultiplexer
BusSwitch
PowerSupplyCharacteristics
Parameters Description
TestConditions(1)
Min.
Typ(2)
Max.
Units
ICC
Quiescent Power
VCC=Max.
VIN =GNDor VCC
0.2
30
µA
Supply Current
∆ICC
Supply Current per
VCC=Max.
VIN=3.4V(3)
3.5
mA
Input @ TTL HIGH
ICCD
Supply Current per
VCC=Max.,
0.25
mA/
Input per MHz(4)
A, B, and C Pins Open
MHz
BE=GND
Control Input Toggling
50% Duty Cycle
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at Vcc = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V, control inputs only); A, B, and C pins do not contribute to Icc.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified frequency. The
A, B, and C inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is guaranteed by design.
5. Values for these conditions are examples of the Icc formula. These limits are guaranteed but not tested.
PI5C3390 Switching Characteristics over Operating Range
PI5C3390
Com
Parameters
Description
Conditions(1)
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay(2,3)
CL = 50 pF
0.25
ns
tPHL
A, B to/from C
RL= 500ohm
tPZH
Bus Enable Time
1.5
6.5
ns
tPZL
AEN/BEN to A, B, C
tPHZ
Bus Disable Time
1.5
5.5
ns
tPLZ
AEN/BEN to A, B, C
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The
time constant for the switch alone is of the order of 0.25 ns for 50 pF load. Since this time constant is much smaller than the rise/fall times of
typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is
determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
PI5C32390 Switching Characteristics over Operating Range
PI5C32390
Com
Parameters
Description
Conditions(1)
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay(2,3)
CL = 50 pF
1.25
ns
tPHL
A, B to/from C
RL= 500ohm
tPZH
Bus Enable Time
1.5
6.5
ns
tPZL
AEN/BEN to A, B, C
tPHZ
Bus Disable Time
1.5
5.5
ns
tPLZ
AEN/BEN to A, B, C


Similar Part No. - PI5C3390

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3301 PERICOM-PI5C3301 Datasheet
47Kb / 3P
   Single Bit Bus Switch
PI5C3301 PERICOM-PI5C3301 Datasheet
394Kb / 5P
   SOTinyTM Single-Bit Bus Switch
PI5C3301CX PERICOM-PI5C3301CX Datasheet
47Kb / 3P
   Single Bit Bus Switch
PI5C3301TEX PERICOM-PI5C3301TEX Datasheet
394Kb / 5P
   SOTinyTM Single-Bit Bus Switch
PI5C3301TX PERICOM-PI5C3301TX Datasheet
47Kb / 3P
   Single Bit Bus Switch
More results

Similar Description - PI5C3390

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3251 ONSEMI-74FST3251 Datasheet
86Kb / 8P
   8:1 Multiplexer/Demultiplexer Bus Switch
January, 2002 ??Rev. 1
74FST3251 ONSEMI-74FST3251_06 Datasheet
200Kb / 7P
   8:1 Multiplexer/ Demultiplexer Bus Switch
June, 2006 ??Rev. 3
logo
Fairchild Semiconductor
FST16233 FAIRCHILD-FST16233 Datasheet
100Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160A FAIRCHILD-FSTU32160A Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FST16233MTDX FAIRCHILD-FST16233MTDX Datasheet
101Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FST16233 ONSEMI-FST16233 Datasheet
203Kb / 8P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
Revised November 2000
logo
Texas Instruments
SN74CBT16390 TI-SN74CBT16390_08 Datasheet
333Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
logo
Fairchild Semiconductor
FST16232 FAIRCHILD-FST16232 Datasheet
98Kb / 6P
   Synchronous 16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
Texas Instruments
SN74CBT16390 TI-SN74CBT16390 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390_07 Datasheet
303Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com