Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5C3390Q Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5C3390Q
Description  16-to-8 Multiplexer/Demultiplexer Bus Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3390Q Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5C3390Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3390Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3390Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3390Q Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
PS7030E
09/15/04
PI5C3390; PI5C32390
16:8 Multiplexer/Demultiplexer
BusSwitch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Storage Temperature .......................................................... –65°C to +150°C
Ambient Temperature with Power Applied .......................... –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) .... –0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) . –0.5V to +7.0V
DC Input Voltage ................................................................... –0.5V to +7.0V
DC Output Current ............................................................................. 120 mA
Power Dissipation ................................................................................... 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation
of the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect reliability.
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V ±5%)
Parameters Description
TestConditions(1)
Min.
Typ(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
–0.5
0.8
V
IIH
Input HIGH Current
VCC = Max., VIN = VCC
——±1
µA
IIL
Input LOW Current
VCC=Max., VIN=GND
±1
µA
IOZH
High Impedance Output Current
0
≤ A, B, C ≤ VCC
——±1
µA
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18 mA
–0.7
–1.2
V
IOS
Short Circuit Current(3)
A, B (C) = 0V, C (A, B) = VCC
100
mA
VH
Input Hysteresis at Control Pins
150
mV
RON
Switch On Resistance(4)
VCC = Min.,VIN=0.0V,
PI5C3390
5
7
ohm
ION = 48 mA
PI5C32390
20
28
40
VCC = Min.,VIN=2.4V,
PI5C3390
10
15
ohm
ION = 15 mA
PI5C32390
20
35
48
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(5)
Description
Test Conditions
Typ
Units
CIN
Input Capacitance
VIN = 0V
6
pF
COFF
A/B Capacitance, Switch Off
VIN = 0V
6
pF
CON
A/B Capacitance, Switch On
VIN = 0V
8
pF
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc= 5.0V, TA = 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between A, B, and C pins at indicated current through the switch. On-Resistance is determined by the lower of
the voltages on the two (A,B,C) pins.
5. This parameter is determined by device characterization but is not production tested.


Similar Part No. - PI5C3390Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3301 PERICOM-PI5C3301 Datasheet
47Kb / 3P
   Single Bit Bus Switch
PI5C3301 PERICOM-PI5C3301 Datasheet
394Kb / 5P
   SOTinyTM Single-Bit Bus Switch
PI5C3301CX PERICOM-PI5C3301CX Datasheet
47Kb / 3P
   Single Bit Bus Switch
PI5C3301TEX PERICOM-PI5C3301TEX Datasheet
394Kb / 5P
   SOTinyTM Single-Bit Bus Switch
PI5C3301TX PERICOM-PI5C3301TX Datasheet
47Kb / 3P
   Single Bit Bus Switch
More results

Similar Description - PI5C3390Q

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3251 ONSEMI-74FST3251 Datasheet
86Kb / 8P
   8:1 Multiplexer/Demultiplexer Bus Switch
January, 2002 ??Rev. 1
74FST3251 ONSEMI-74FST3251_06 Datasheet
200Kb / 7P
   8:1 Multiplexer/ Demultiplexer Bus Switch
June, 2006 ??Rev. 3
logo
Fairchild Semiconductor
FST16233 FAIRCHILD-FST16233 Datasheet
100Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160A FAIRCHILD-FSTU32160A Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FST16233MTDX FAIRCHILD-FST16233MTDX Datasheet
101Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FST16233 ONSEMI-FST16233 Datasheet
203Kb / 8P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
Revised November 2000
logo
Texas Instruments
SN74CBT16390 TI-SN74CBT16390_08 Datasheet
333Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
logo
Fairchild Semiconductor
FST16232 FAIRCHILD-FST16232 Datasheet
98Kb / 6P
   Synchronous 16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
Texas Instruments
SN74CBT16390 TI-SN74CBT16390 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390_07 Datasheet
303Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com