Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM15.SIDE Datasheet(PDF) 2 Page - PULS GmbH

Part # ZM15.SIDE
Description  Side Mounting Bracket
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ZM15.SIDE Datasheet(HTML) 2 Page - PULS GmbH

  ZM15.SIDE Datasheet HTML 1Page - PULS GmbH ZM15.SIDE Datasheet HTML 2Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZM11.SIDE, ZM12.SIDE
ZM13.SIDE, ZM14.SIDE, ZM15.SIDE
Side Mounting Bracket
Oct. 2007 / Rev. 1.2 DS-ZMXX.SIDE-EN / All parameters are specified at 25°C ambient unless otherwise noted.
The information presented in this document is believed to be accurate and reliable and may change without notice.
www.pulspower.com Phone +49 89 9278 0
Germany
2/2
3. ASSEMBLY AND MOUNTING INSTRUCTIONS
Fig. 3-1 Detaching DIN-Rail brackets
Fig. 3-2 Detach slide
Fig. 3-3 Mounting steel bracket
Detach the two aluminium
brackets by removing the four
screws with a Torx screwdriver
(Torx 10). Save the screws for
step 3.
Remove the plastic lock
mechanism by using a flat-blade
screwdriver to move the lock
downwards while at the same
time push the plastic slide
upwards. Detach the plastic slide.
Mount the steel brackets with the
same screws from the DIN-Rail
brackets using caution not to
over-tighten the screws!
Recommended tightening torque
is 0.6Nm. (5.3lb.in).
Fig. 3-4 Panel Mount
Fig. 3-5 DIN-Rail Mount
Two mounting options:
- Panel Mount
- DIN-Rail Mount
Preparation for DIN-Rail mounting:
Install the two aluminium brackets and the
plastic slide (detached from the unit before)
onto the side mounting plant with the
additional screws provided.
4. ORDER NUMBERS
Accessory
ZM11.SIDE
Side-mounting Bracket Kit 145x65x37mm
ZM12.SIDE
Side-mounting Bracket Kit 145x65x44mm
ZM13.SIDE
Side-mounting Bracket Kit 145x65x63mm
ZM14.SIDE
Side-mounting Bracket Kit 145x65x76mm
ZM15.SIDE
Side-mounting Bracket Kit 145x65x84.5mm


Similar Part No. - ZM15.SIDE

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ZM150C10A01 HONEYWELL-ZM150C10A01 Datasheet
1Mb / 12P
   Small size and light weight switches lend themselves to numerous potential applications
ZM150C10A03 HONEYWELL-ZM150C10A03 Datasheet
1Mb / 12P
   Small size and light weight switches lend themselves to numerous potential applications
ZM150C10A04 HONEYWELL-ZM150C10A04 Datasheet
1Mb / 12P
   Small size and light weight switches lend themselves to numerous potential applications
ZM150C10B01 HONEYWELL-ZM150C10B01 Datasheet
1Mb / 12P
   Small size and light weight switches lend themselves to numerous potential applications
ZM150C10B03 HONEYWELL-ZM150C10B03 Datasheet
1Mb / 12P
   Small size and light weight switches lend themselves to numerous potential applications
More results

Similar Description - ZM15.SIDE

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
858-110 WAGO-858-110 Datasheet
90Kb / 3P
   Mounting bracket
logo
Festo Corporation.
2721419 FESTO-2721419 Datasheet
66Kb / 1P
   Mounting bracket
7/21/22
550217 FESTO-550217 Datasheet
68Kb / 1P
   Mounting bracket
7/21/22
logo
Bud Industries, Inc.
BAS-5104 BUD-BAS-5104 Datasheet
20Kb / 1P
   SLIDE MOUNTING BRACKET
MB-1266 BUD-MB-1266 Datasheet
34Kb / 1P
   TRIANGULAR MOUNTING BRACKET
logo
Ningbo Tianbo Ganglian ...
TRV4 TIANBO-TRV4 Datasheet
1Mb / 3P
   optional mounting bracket
logo
PULS GmbH
ZM3.WALL PULS-ZM3.WALL Datasheet
101Kb / 1P
   WALL MOUNTING BRACKET
logo
List of Unclassifed Man...
D-MFK2 ETC2-D-MFK2 Datasheet
468Kb / 4P
   Mounting Bracket Kits
logo
Bud Industries, Inc.
MB-448 BUD-MB-448 Datasheet
58Kb / 1P
   CHASSIS MOUNTING BRACKET
logo
PULS GmbH
ZM1.WALL PULS-ZM1.WALL Datasheet
99Kb / 2P
   WALL Mounting Bracket
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com