Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WFF8N60C Datasheet(PDF) 7 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFF8N60C
Description  Silicon N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFF8N60C Datasheet(HTML) 7 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFF8N60C Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF8N60C Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF8N60C Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF8N60C Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF8N60C Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF8N60C Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF8N60C Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF8N60C Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
7/8
WFF8N60C Product Description
Silicon
Silicon
Silicon
Silicon N-Channel
N-Channel
N-Channel
N-Channel MOSFET
MOSFET
MOSFET
MOSFET
WINSEMI
MICROELECTRONICS
WINSEMI
MICROELECTRONICS
WINSEMI
MICROELECTRONICS
WINSEMI
MICROELECTRONICS
WINSEMI
MICROELECTRONICS
TO-220F
Package Dimension
E
P
B
b
e
e
Q 1
C
F
Symbol
M I N
M A X
A
4 . 5
4 . 9
B
-
1 . 4 7
b
0 . 7
0 . 9
c
0 . 4 5
0 . 6
D
1 5 .6 7
1 6 .0 7
E
9 . 9 6
1 0 .3 6
e
2.54TYP.
F
2 . 3 4
2 . 7 4
L
1 2 .5 8
1 3 .3 8
L 2
3 . 1 3
3 . 3 3
Ф
3 . 0 8
3 . 2 8
Q
3 . 2
3 . 4
Q 1
2 . 5 6
2 . 9 6
P
U n it:m m


Similar Part No. - WFF8N60C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WFF8N60 WINSEMI-WFF8N60 Datasheet
666Kb / 7P
   Silicon N-Channel MOSFET
logo
Wisdom technologies Int...
WFF8N60 WISDOM-WFF8N60 Datasheet
1Mb / 6P
   600V N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFF8N60B WINSEMI-WFF8N60B Datasheet
679Kb / 7P
   Silicon N-Channel MOSFET
WFF8N60B WINSEMI-WFF8N60B Datasheet
274Kb / 8P
   Silicon N-Channel MOSFET
WFF8N60B WINSEMI-WFF8N60B_13 Datasheet
274Kb / 8P
   Silicon N-Channel MOSFET
More results

Similar Description - WFF8N60C

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com