Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY35X Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CNY35X
Description  A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CNY35X Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CNY35X Datasheet HTML 1Page - List of Unclassifed Manufacturers CNY35X Datasheet HTML 2Page - List of Unclassifed Manufacturers CNY35X Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DB91040-AAS/A2
7/12/00
100
Ambient temperature T
A ( °C )
300
0
400
Ambient temperature T
A ( °C )
60
20
40
-30
0
25
50
75
100
125
Collector Power Dissipation vs. Ambient Temperature
Forward Current vs. Ambient Temperature
200
80
-30
0
25
50
75
100
125
0
0.4
0.6
0.8
1.0
1.2
0.2
1.4
Normalised Output Current vs.
Ambient Temperature
-2.0
-1.0
0
1.0
2.0
Forward voltage V
F ( V )
-100
10-3
10-2
0.0001
0.001
0.1
1
0.1 0.2
0.5
1
2
5 10
20
50
1
10-1
1.6
1.8
2.0
2.2
2.4
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
5
Normalised to V
CE = 10V ,
I
F = ±10mA , RBE = 1MΩ ,
T
A = 25°C
I
F = ±20mA
I
F = ±10mA
I
F = ±5mA
Normalised Output Current vs.
Collector-emitter Voltage
I
F = -10mA
I
F = +10mA
100
120
0
10
Collector-emitter voltage V
CE ( V )
Normalised to V
CE = 10V ,
I
F = ±10mA , TA = 25°C
0.1 0.2 0.5
1
2
5
10 20
50 100
Forward current I
F (±mA)
0.01
0.0005
0.005
0.05
0.5
-80
-60
-40
-20
0
20
40
60
80
100
Normalised Output Current vs.
Forward Current
Forward Current vs. Forward Voltage
Normalised to V
CE = 10V ,
I
F = +10mA , TA = 25°C


Similar Part No. - CNY35X

ManufacturerPart #DatasheetDescription
logo
GE Solid State
CNY35 GESS-CNY35 Datasheet
234Kb / 6P
   PHOTON COUPLED ISOLATOR CNY33
More results

Similar Description - CNY35X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS733 ETC-IS733 Datasheet
38Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
IS604X ISOCOM-IS604X Datasheet
47Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
H11AA1 ISOCOM-H11AA1 Datasheet
368Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TIL194 ISOCOM-TIL194 Datasheet
1Mb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TLP620X ISOCOM-TLP620X Datasheet
75Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
TIL194 ETC-TIL194 Datasheet
84Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP814 ETC-ISP814 Datasheet
98Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Panasonic Semiconductor
ISP814XSM PANASONIC-ISP814XSM Datasheet
90Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
ISP814XSM ISOCOM-ISP814XSM Datasheet
90Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP626-1X ISOCOM-ISP626-1X Datasheet
65Kb / 3P
   LOW INPUT CURRENT A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com