Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC2010JR-1397R6 Datasheet(PDF) 10 Page - YAGEO Corporation

Part # AC2010JR-1397R6
Description  THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC2010JR-1397R6 Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button AC2010JR-1397R6 Datasheet HTML 4Page - YAGEO Corporation AC2010JR-1397R6 Datasheet HTML 5Page - YAGEO Corporation AC2010JR-1397R6 Datasheet HTML 6Page - YAGEO Corporation AC2010JR-1397R6 Datasheet HTML 7Page - YAGEO Corporation AC2010JR-1397R6 Datasheet HTML 8Page - YAGEO Corporation AC2010JR-1397R6 Datasheet HTML 9Page - YAGEO Corporation AC2010JR-1397R6 Datasheet HTML 10Page - YAGEO Corporation AC2010JR-1397R6 Datasheet HTML 11Page - YAGEO Corporation AC2010JR-1397R6 Datasheet HTML 12Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov. 02, 2016 V.5
Product specification
10
12
SERIES
AC
0201 to 2512
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Solderability
- Wetting
AEC-Q200 Test 18
J-STD-002
Electrical Test not required Magnification 50X
SMD conditions:
(a) Method B, aging 4 hours at 155 °C dry heat,
dipping at 235± 3 °C for 5± 0.5 seconds.
(b) Method B, steam aging 8 hours, dipping at
215± 3 °C for 5± 0.5 seconds.
(c) Method D, steam aging 8 hours, dipping at
260± 3 °C for 7± 0.5 seconds.
Well tinned (≥95% covered)
No visible damage
Board Flex
AEC-Q200 Test 21
AEC-Q200-005
Chips mounted on a 90mm glass epoxy resin
PCB (FR4)
Bending for 0201/0402: 5 mm
0603/0805: 3 mm
1206 and above: 2 mm
Holding time: minimum 60 seconds
± (1.0%+0.05Ω)
<50 mΩ for Jumper
Temperature
Coefficient of
Resistance (T.C.R.)
MIL-STD-202 Method 304
At +25/–55 °C and +25/+125 °C
Refer to table 2
Formula:
T.C.R= ------------------------- × 106 (ppm/°C)
Where
t1=+25 °C or specified room temperature
t2=–55 °C or +125 °C test temperature
R1=resistance at reference temperature in ohms
R2=resistance at test temperature in ohms
Short Time
Overload
IEC60115-1 4.13
2.5 times of rated voltage or maximum
overload voltage whichever is less for 5 sec
at room temperature
± (1.0%+0.05Ω) for D/F tol
± (2.0%+0.05Ω) for J tol
<50 mΩ for Jumper
FOS
ASTM-B-809-95
Sulfur (saturated vapor) 500 hours, 60± 2℃,
unpowered
± ( 1.0%+0.05Ω)
R2–R1
R1(t2–t1)


Similar Part No. - AC2010JR-1397R6

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC2010JR-1397R6L YAGEO-AC2010JR-1397R6L Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AC2010JR-1397R6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMF10JT103 ETC-RMF10JT103 Datasheet
1,016Kb / 13P
   Automotive Grade Thick Film Chip Resistors
logo
YAGEO Corporation
AC0201DR-071RL YAGEO-AC0201DR-071RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
   THICK FILM CHIP RESISTORS Automotive grade
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
   THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
   THICK FILM CHIP RESISTORS Precision grade
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com