Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3024 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # W3024
Description  Ceramic Chip Antenna
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W3024 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  W3024 Datasheet HTML 1Page - Pulse A Technitrol Company W3024 Datasheet HTML 2Page - Pulse A Technitrol Company W3024 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
719 MHz MediaFLO
Ceramic Chip Antenna
Ground cleared under antenna, clearance area
10.60 x 10.25 mm
Pulse Part Number: W3024
© 2006 All Rights Reserved.
W3024 Datasheet version 1.0. 10/2006
Features
- Omnidirectional radiation
- Low profile
- Compact size W x L x H (10 x 3.2 x 4 mm)
- Low weight (600 mg)
- Fully SMD compatible
- Lead free soldering compatible
- Tape and reel packing
- RoHS compliant
Applications
- MediaFlo Receivers
- 716–722 MHz
Engineering samples available Q3/2006
Electrical specifications @ +25 ˚C
Note: Electrical characteristics depend on test board (GP)
size and antenna positioning on GP and Ground Clearance
area size.
-40 to +85
Frequency
Range
[MHz]
Efficiency
[%] / [dB]
Return
Loss min.
[dB]
Impedance
[Ω]
Operating
Temperature
[°C]
716 – 722
75 / -1.25 (peak)
70 / -1.55 (band edges)
-8
50
MediaFLO 716–722 MHz
Typical performance (test board size 100 x 37 mm, PWB ground clearance area 10.60 x 10.25 mm)
Linear
Max Gain
[dBi]
2 (peak)
1.5 (band edges)
Pulse Antennas
Takatie 6
90440
Kempele, Finland
Tel: +358 207 935 500
Fax: +358 207 935 501
www.pulseeng.com/antennas


Similar Part No. - W3024

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3024 PULSE-W3024 Datasheet
158Kb / 5P
   ANTENNAS
More results

Similar Description - W3024

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANT6230LL01R1575A YAGEO-ANT6230LL01R1575A Datasheet
543Kb / 6P
   Ceramic Chip Antenna
ANT2012LL13R2400A YAGEO-ANT2012LL13R2400A Datasheet
574Kb / 6P
   Ceramic Chip Antenna
ANT5320LL24R2455A YAGEO-ANT5320LL24R2455A Datasheet
938Kb / 7P
   Ceramic Chip Antenna
ANT1204LL00R0918A YAGEO-ANT1204LL00R0918A Datasheet
569Kb / 6P
   Ceramic Chip Antenna
ANT5320LL04R2455A YAGEO-ANT5320LL04R2455A Datasheet
579Kb / 7P
   Ceramic Chip Antenna
logo
Pulse A Technitrol Comp...
W3020 PULSE-W3020 Datasheet
2Mb / 3P
   Ceramic Chip Antenna
logo
YAGEO Corporation
ANT7020LL05R2400A YAGEO-ANT7020LL05R2400A Datasheet
489Kb / 6P
   Ceramic Chip Antenna
ANT5320LL24R2400A YAGEO-ANT5320LL24R2400A Datasheet
568Kb / 6P
   Ceramic Chip Antenna
ANT2112A010B0918A YAGEO-ANT2112A010B0918A Datasheet
708Kb / 7P
   Ceramic Chip Antenna
ANT1204LL05R0915A YAGEO-ANT1204LL05R0915A Datasheet
510Kb / 6P
   Ceramic Chip Antenna
ANT1204LL08R0870A YAGEO-ANT1204LL08R0870A Datasheet
600Kb / 6P
   Ceramic Chip Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com