Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3013 Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # W3013
Description  ISM 868 MHz Ceramic Antenna
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W3013 Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  W3013 Datasheet HTML 1Page - Pulse A Technitrol Company W3013 Datasheet HTML 2Page - Pulse A Technitrol Company W3013 Datasheet HTML 3Page - Pulse A Technitrol Company W3013 Datasheet HTML 4Page - Pulse A Technitrol Company W3013 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
W3013 Datasheet version 1.1. ISM 868 MHz Ceramic Antenna. (02/08).
© 2008. All Rights Reserved.
ISM 868 MHz Ceramic Antenna
Ground cleared under antenna, clearance area 10.80 mm x 8.25 mm. Pulse Part Number: W3013
Pulse Finland Oy
Takatie 6
90440
Kempele, Finland
Tel: +358 207 935 500
Fax: +358 207 935 501
www.pulseeng.com/antennas
Packing form


Similar Part No. - W3013

ManufacturerPart #DatasheetDescription
logo
Agere Systems
W3013 AGERE-W3013 Datasheet
145Kb / 12P
   W3013 Indirect Quadrature Modulator with Gain Control
W3013BCL AGERE-W3013BCL Datasheet
145Kb / 12P
   W3013 Indirect Quadrature Modulator with Gain Control
More results

Similar Description - W3013

ManufacturerPart #DatasheetDescription
logo
Unictron Technologies C...
H2U64U1H2B0200 UNICTRON-H2U64U1H2B0200 Datasheet
824Kb / 16P
   ISM 868 MHz Ceramic Chip Antenna
logo
AVX Corporation
M620720 AVX-M620720 Datasheet
503Kb / 7P
   ISM 868 & 915 MHz Embedded Ceramic Antenna
11/15/2018
logo
TE Connectivity Ltd
2195849-1 TEC-2195849-1 Datasheet
798Kb / 7P
   ISM 868 / 915 MHz ANTENNA
2195835-1 TEC-2195835-1 Datasheet
823Kb / 7P
   ISM 868 / 915 MHz ANTENNA
logo
Molex Electronics Ltd.
1052620002 MOLEX11-1052620002 Datasheet
29Kb / 1P
   ISM 868/915 MHz Antenna, 150.00mm Cable Length
1052620003 MOLEX11-1052620003 Datasheet
29Kb / 1P
   ISM 868/915 MHz Antenna, 200.00mm Cable Length
1052620001 MOLEX11-1052620001 Datasheet
30Kb / 1P
   ISM 868/915 MHz Antenna, 100.00mm Cable Length
logo
Abracon Corporation
ACAG1204-868-T ABRACON-ACAG1204-868-T Datasheet
1Mb / 4P
   868 MHz Ceramic Chip Antenna
11.12.2018
logo
List of Unclassifed Man...
IS04B301111 ETC2-IS04B301111 Datasheet
873Kb / 17P
   868 MHz Hercules ISM Band Antenna Screw-mount
logo
Molex Electronics Ltd.
2081420001 MOLEX-2081420001 Datasheet
43Kb / 1P
   ISM 868/915MHz Ceramic Antenna, Low-Profile, SMT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com