Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4122 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS4122
Description  Triple Air-Core Gauge Driver with Serial Input Bus
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS4122 Datasheet(HTML) 1 Page - ON Semiconductor

  CS4122 Datasheet HTML 1Page - ON Semiconductor CS4122 Datasheet HTML 2Page - ON Semiconductor CS4122 Datasheet HTML 3Page - ON Semiconductor CS4122 Datasheet HTML 4Page - ON Semiconductor CS4122 Datasheet HTML 5Page - ON Semiconductor CS4122 Datasheet HTML 6Page - ON Semiconductor CS4122 Datasheet HTML 7Page - ON Semiconductor CS4122 Datasheet HTML 8Page - ON Semiconductor CS4122 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2004
May, 2004 − Rev. 8
1
Publication Order Number:
CS4122/D
CS4122
Triple Air−Core Gauge
Driver with Serial Input Bus
The CS4122 converts digital data from a microprocessor to
complementary DC outputs and drives air−core meter movements for
vehicle instrument panels. It is optimized for one 360
° gauge and two
112
° gauges. The digital data controls the voltage applied to the
quadrature coils of the meters with a 0.35
° resolution for the major
(360
°) gauge and 0.44° resolution for the minor (112°) gauges. The
accuracy is
±0.75° for the major and ±1.00° for the minors. The
interface from the microcontroller is by a SPI compatible serial
connection using up to a 2.0 MHz shift clock rate.
The digital code is shifted into the appropriate DAC and
multiplexer. These two blocks provide a tangential conversion
function to change the digital data into the appropriate DC coil
voltage. The major gauge driver can position a pointer anywhere
within a 360
° circle while the minor gauge drivers are limited to an arc
of 112.2
°.
The output buffers are capable of 70 mA per coil and are protected
against output short circuit conditions. A thermal protection circuit
limits the junction temperature to approximately 160
°C.
An open−drain fault output goes low when any of the outputs are
shorted or the device is in a thermal shutdown state. This ASIC is
designed on POWERSENSE
™ 3.0.
Features
Serial Input Bus
2.0 MHz Operating Frequency
Independently Addressable Gauges
Tangential Drive Algorithm
70 mA Drive Circuits
0.75° Major Accuracy
Power−On−Reset
Protection Features
Short Circuit
Overtemperature
Internally Fused Leads in SO−24L Package
SO−24L
DWF SUFFIX
CASE 751E
1
24
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
MARKING
DIAGRAM
1
CS4122
AWLYYWW
24
PIN CONNECTIONS
GND
GND
GND
GND
GND
GND
GND
GND
COS−
SIN+
COS+
SIN−
SI
CS
SO
SCLK
C2−
VBB/2
C2+
C1+
124
FAULT
VCC
VBB
C1−
Device
Package
Shipping
ORDERING INFORMATION
CS4122XDWF24
SO−24L
31 Units/Rail
CS4122XDWFR24
SO−24L
1000 Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com


Similar Part No. - CS4122

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS4122 ONSEMI-CS4122 Datasheet
97Kb / 9P
   Triple Air?묬ore Gauge Driver with Serial Input Bus
September, 2005 ??Rev. 9
logo
Power Analog Micoelectr...
CS412299C PAM-CS412299C Datasheet
463Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / 2000 to 2500 Volts
logo
ON Semiconductor
CS4122 ONSEMI-CS4122_05 Datasheet
97Kb / 9P
   Triple Air?묬ore Gauge Driver with Serial Input Bus
September, 2005 ??Rev. 9
More results

Similar Description - CS4122

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS4122 ONSEMI-CS4122_05 Datasheet
97Kb / 9P
   Triple Air?묬ore Gauge Driver with Serial Input Bus
September, 2005 ??Rev. 9
logo
Melexis Microelectronic...
MLX10420 MELEXIS-MLX10420_14 Datasheet
510Kb / 25P
   3-channel air-core gauge driver with serial interface
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
logo
Cherry Semiconductor Co...
CS4172 CHERRY-CS4172 Datasheet
158Kb / 6P
   Single Air-Core Gauge Driver
logo
ON Semiconductor
CS4172 ONSEMI-CS4172 Datasheet
65Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 - Rev. 3
CS4192 ONSEMI-CS4192 Datasheet
71Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
logo
NXP Semiconductors
SA5778 PHILIPS-SA5778 Datasheet
122Kb / 16P
   Serial triple gauge driver STGD
1998 Apr 03
logo
ON Semiconductor
CS3750 ONSEMI-CS3750 Datasheet
45Kb / 4P
   Dual H-Bridge Air-Core Gauge Driver
December, 2001 - Rev. 4
logo
Motorola, Inc
MC10H423 MOTOROLA-MC10H423 Datasheet
86Kb / 2P
   TRIPLE-3 INPUT BUS DRIVER WITH ENABLE
logo
Cherry Semiconductor Co...
CS3750 CHERRY-CS3750 Datasheet
137Kb / 4P
   100mA Dual H-Bridge Air-Core Gauge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com