Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2959NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA2959NL
Description  POWER MAGNETICS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA2959NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA2959NL Datasheet HTML 1Page - Pulse A Technitrol Company PA2959NL Datasheet HTML 2Page - Pulse A Technitrol Company PA2959NL Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
16
www.power.pulseelectronics.com
PLATFORM OVERVIEW: THROUGH-HOLE POWER TRANSFORMERS
POWER MAGNETICS
Pulse offers custom transformer designs using standard cores and bobbins on the following THT platforms.
Refer to datasheets for below listed parts on Pulse website for further details.
EE10 Platform - 8 Pins, THT, Vertical
EE13 Platform - 9 Pins, THT, Horizontal, Offset
EE13 Platform - 10 Pins, THT, Vertical, Offset
EE16 Platform - 10 Pins, THT, Horizontal, Offset
EE16 Platform - 10 Pins, THT, Vertical
EE19 Platform - 10 Pins, THT, Vertical
EF20 Platform - 8 Pins and 10 Pins, THT, Horizontal
EF20 Platform - 14 Pins, THT, Horizontal, Offset
EF25 Platform - 10 Pins, THT, Vertical
PQ2016 Platform - 14 Pins, THT, Vertical
Typical Power Level: 5W (100kHz, Flyback)
Size: 11.0 x 11.0 x 12.0 mm Max
Custom part numbers available
Typical Power Level: 10W (100kHz, Flyback)
Size: 19.5 x 13.5 x 15.0 mm Max
PA2718NL
Typical Power Level: 15W (100kHz, Flyback)
Size: 18.2 x 13.8 x 17.5 mm Max
PA3050NL, PA2621NL
Typical Power Level: 20W (100kHz, Flyback)
Size: 21.0 x 16.50 x 24.0 mm Max
Custom part numbers available
Typical Power Level: 25W (100kHz, Flyback)
Size: 21.6 x 21.6 x 15.8 mm Max
PA2872NL, PA2959NL, PA2979NL
Typical Power Level: 40W (100kHz, Flyback)
Size: 28.5 x 18.8 x 30.5 mm Max
PA2380NL, PA2942NL
Typical Power Level: 40W (100kHz, Flyback)
Size: 23.5 x 23.5 x 18.7 mm Max
Custom part numbers available


Similar Part No. - PA2959NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2945NL PULSE-PA2945NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
PA2982.101HL PULSE-PA2982.101HL Datasheet
739Kb / 3P
   Power Beads - PA2982.XXXHL Series
PA2982.101HL PULSE-PA2982.101HL Datasheet
589Kb / 3P
   SMT Power Inductors
PA2982.121HL PULSE-PA2982.121HL Datasheet
739Kb / 3P
   Power Beads - PA2982.XXXHL Series
PA2982.121HL PULSE-PA2982.121HL Datasheet
589Kb / 3P
   SMT Power Inductors
More results

Similar Description - PA2959NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0580 PULSE-PF0580 Datasheet
490Kb / 9P
   POWER MAGNETICS
logo
Bel Fuse Inc.
0571-4000-01 BEL-0571-4000-01 Datasheet
62Kb / 2P
   POWER MAGNETICS
logo
Pulse A Technitrol Comp...
PA4330 PULSE-PA4330 Datasheet
1Mb / 3P
   POWER MAGNETICS
logo
Coilcraft lnc.
C0972-AL COILCRAFT-C0972-AL Datasheet
111Kb / 2P
   SMT Power Magnetics
logo
Pulse A Technitrol Comp...
H2019NL PULSE-H2019NL Datasheet
1Mb / 5P
   Power OVER Ethernet (PoE) Magnetics and (PoE) Magnetics
H2019NLT PULSE-H2019NLT Datasheet
1Mb / 5P
   Power OVER Ethernet (PoE) Magnetics and (PoE) Magnetics
logo
Bel Fuse Inc.
0581-5999-05 BEL-0581-5999-05 Datasheet
35Kb / 2P
   POWER MAGNETICS Through Hole Inductor
logo
VITALCONN ELECTRONICS H...
TH16101S1 VITALCONN-TH16101S1 Datasheet
252Kb / 1P
   POWER OVER ETHERNET PoE MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
TA16111S1 VITALCONN-TA16111S1 Datasheet
252Kb / 1P
   POWER OVER ETHERNET PoE MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
logo
XFMRS Inc.
XF0456B4 XFMRS-XF0456B4 Datasheet
44Kb / 1P
   MAGNETICS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com