Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C2408-1L Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C2408-1L
Description  Zero-Delay Clock Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2408-1L Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C2408-1L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2408-1L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2408-1L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2408-1L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2408-1L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2408-1L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2408-1L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C2408-1L Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C2408-1L Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
PS8589E
09/15/04
Features
• Maximumratedfrequency:140MHz
• Low cycle-to-cycle jitter
• Input to output delay, less than 150ps
• External feedback pin allows outputs to be synchronized
to the clock input
• 5V tolerant input*
• Operates at 3.3V VDD
• Test mode allows bypass of the PLL for system testing
purposes (e.g., IBIS measurements)
• Clock frequency multipliers ½x to 4x dependent on option
• Packaging (Pb-free and Green available):
-16-pin,150-milSOIC (W)
-16-pin173-milTSSOP (L)
Description
The PI6C2408 is a PLL-based, zero-delay buffer, with the ability
to distribute eight outputs of up to 140 MHz at 3.3 V. Two banks of
four outputs exist, and, depending on product option ordered, can
supply either reference frequency, prescaled half frequency, or
multiplied2xor4xinputclockfrequencies. ThePI6C2408familyhas
a power-sparing feature: when input SEL2 is 0, the component will
3-state one or both banks of outputs depending on the state of input
SEL1. A PLL bypass test mode also exists. This product line is
available in high-drive and industrial environment versions.
An external feedback pin is used to synchronize the outputs to the
input; the relationship between loading of this signal and the other
outputs determines the input-output delay.
The PI6C2408 is characterized for both commercial and industrial
operation.
Block Diagram
PinConfiguration
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Zero-Delay Clock Buffer
PI6C2408
* FB_IN and CLKIN must reference the same voltage thresh-
olds for the PLL to deliver zero delay skewing
PLL
Option (-3, -4)
CLKIN
FB_IN
SEL1
SEL2
Decode
Logic
Decode
Logic
OUTA1
OUTA2
OUTA3
OUTA4
OUTB2
OUTB3
OUTB4
OUTB1
PI6C2408 (-1, -1H, -2, -3, -4)
÷2
PLL
CLKIN
FB_IN
SEL2
SEL1
OUTA1
OUTA2
OUTA3
OUTA4
OUTB2
OUTB3
OUTB4
OUTB1
PI6C2408-6
MUX
÷2
÷2
Option (-2, -3)
MUX
MUX
1
2
3
VDD
4
GND
5
OUTA2
6
OUTB2
7
SEL1
8
OUTB1
FB_IN
OUTA3
VDD
OUTB4
OUTB3
SEL2
16
15
14
13
12
11
10
9
CLKIN
OUTA1
GND
OUTA4
16-Pin
W, L


Similar Part No. - PI6C2408-1L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2401W PERICOM-PI6C2401W Datasheet
71Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2401WE PERICOM-PI6C2401WE Datasheet
71Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2402 PERICOM-PI6C2402 Datasheet
371Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
More results

Similar Description - PI6C2408-1L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
   Zero-Delay Clock Buffer
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com