Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS69273NT-61RTNM Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # LPS69273NT-61RTNM
Description  Low Profile aesthetically neutral housing
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

LPS69273NT-61RTNM Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  LPS69273NT-61RTNM Datasheet HTML 1Page - Laird Tech Smart Technology LPS69273NT-61RTNM Datasheet HTML 2Page - Laird Tech Smart Technology LPS69273NT-61RTNM Datasheet HTML 3Page - Laird Tech Smart Technology LPS69273NT-61RTNM Datasheet HTML 4Page - Laird Tech Smart Technology LPS69273NT-61RTNM Datasheet HTML 5Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LOW PROFILE SURFACE MOUNT 698-960/1710-2700 MHZ DISK-PUCK ANTENNA
The Laird Patent Pending LPS69273NT antenna is a multiband low profile omnidirectional disk-
puck antenna operating over the 698-960 MHz and 1710-2700 MHz frequency bands. Designed to
be a surface mount antenna that performs well on metallic and non-metallic* surfaces, the
antenna is ideal for use in Machine-to-Machine (M2M) applications. The housing incorporates a
low profile, rugged design that conforms to IP67 standards making the antenna suitable for both
indoor and outdoor applications.
FEATURES
Low Profile aesthetically neutral housing
Surface mount with stud & locking nut
Designed for both Indoor & Outdoor applications
IP67 rated for harsh environmental applications
BENEFITS
3G/4G LTE & Wi-Fi communications in a single solution
Applicable for both metal and non-metallic* surface
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia:+86.21.5855.0827.127 IAS-
AsiaSales@lairdtech.com
www.lairdtech.com
MARKETS
Machine-to-Machine (M2M)
LTE & 3G/4G Cellular, Wi-Fi & WLAN
Utilities, Remote Monitoring, Kiosks &ATMs
Warehouse, Offices & Meeting rooms
Hotels, Museums, Libraries & Retail Malls
Airport, Bus Terminals & Train Stations
Other In-Building & Outdoor areas
L
PS69273NT
Omni SISO 3G-4G LTE Disk-Puck Antenna
LPS69273NT-61SMAM
610 mm (24 in)
SMA- male
LPS69273NT-61RTNM
610 mm (24 in)
RTNC- male
SPECIFICATIONS
Frequency Bands, MHz
698-806
824-894
880-960 1710-1880 1850-1990 1910-2170
Peak Gain, dBi (Typ)
1.7
5.4
4.6
4.5
Peak Gain, dBi (Max)
VSWR (Typ)
<2.9:1
<1.7:1
VSWR (Max)
Nominal Impedance
50Ω
Max Power (ambient temp of 25°C)
10 Watts
Polarization
Dimensions (diameter x height)
Weight
Approximately 0.20 kg ( 0.44 lbs.)
Storage Temperature Range (°C)
Operational Temperature Range (°C)
RoHS Compliance
Yes
On Plastic Housing w/ Ground Plane Kit
On Metal Housing
On Metal Housing
2.4
1.1
2.3
5.5
4.4
4.0
2.5
1.1
2.3
5.9
4.8
4.9
2.9
1.4
3.1
5.9
5.3
4.3
Ingess Protection Rating
IP67
Requires a 300mm diameter Ground Plane Kit (order separately with P/N HKIT-LPx-001)
CABLE LENGTH
CONNECTOR
SPECIFICATIONS
PARAMETER
Azimuth Beam Width
Omnidirectional
*
2300-2500 2500-2700
3.4
3.7
<2.3:1
<2.3:1
<3.0:1
<3.0:1
3.8
3.8
3.8
4.0
4.4
4.3
Linear, Vertical
Antenna Color / Radome
Black / PC, UV Stable, UL94 V-0 Material
<1.7:1
<2.8:1
<2.1:1
<2.7:1
On Plastic Housing w/ Ground Plane Kit
CONNECTORS
Patent Pending LPS69273NT
Laird warrants to the original end user customer of its products that its products are free from defects in material and
workmanship. Subject to conditions and limitations Laird will, at its option, either repair or replace any part of its products
that prove defective by reason of improper workmanship or materials. This limited warranty is in force for the useful
lifetime of the original end product into which the Laird product is installed. Useful lifetime of the original end product may
vary but is not to exceed five (5) years from the original date of the end product purchase.
Cable Type
RG316
<3.0:1
<3.0:1
<3.0:1
<3.0:1
<3.0:1
<3.0:1
0.7
2.1
Ø127mm X 31mm (Ø 5” X 1.22”)
-40oC to +85oC ( -40oF to +185oF )
-30oC to +70oC ( -22oF to +158oF )
MODEL NUMBER


Similar Part No. - LPS69273NT-61RTNM

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
LPS69223NT LSTD-LPS69223NT Datasheet
1Mb / 5P
   Low Profile aesthetically neutral housing
More results

Similar Description - LPS69273NT-61RTNM

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CFS60383P LSTD-CFS60383P Datasheet
2Mb / 4P
   Low profile aesthetically neutral housing
CMS69273P LSTD-CMS69273P Datasheet
398Kb / 3P
   Low Profile aesthetically neutral housing
CMQ23496-0815 LSTD-CMQ23496-0815 Datasheet
1Mb / 4P
   Low Profile aesthetically neutral housing
CMM24513S4 LSTD-CMM24513S4 Datasheet
302Kb / 3P
   Low profile aesthetically neutral housing
SL6927PTL LSTD-SL6927PTL Datasheet
811Kb / 2P
   Low profile aesthetically neutral housing
LPS69223NT LSTD-LPS69223NT Datasheet
1Mb / 5P
   Low Profile aesthetically neutral housing
CMQ69273P LSTD-CMQ69273P Datasheet
1Mb / 5P
   Low Profile aesthetically neutral housing
CFSA69383P LSTD-CFSA69383P Datasheet
2Mb / 3P
   Ultra Low profile aesthetically neutral housing
SL80173WP LSTD-SL80173WP Datasheet
401Kb / 1P
   Neutral color and dimunuitive profile
SQ24493P LSTD-SQ24493P Datasheet
722Kb / 1P
   Neutral color and diminutive profile
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com