Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDQ24499-FNF Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # PDQ24499-FNF
Description  IP67 Rated and RoHS compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

PDQ24499-FNF Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  PDQ24499-FNF Datasheet HTML 1Page - Laird Tech Smart Technology PDQ24499-FNF Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PDQ24499
2400 to 2500 MHz/4900 to 5950 MHz
4-port MIMO Directional Antenna
4-PORT MIMO DUAL-BAND, DUAL POLARIZED DIRECTIONAL ANTENNA
The Laird patent pending PDQ24499 antenna is a 4-port dual-band, dual polarized directional panel
antenna for use in 802.11n MIMO indoor and outdoor applications. The antenna is an excellent
choice for high density Wi-Fi applications where adjacent interference is of concern. The dual-band
frequency coverage means that a single type of antenna can be deployed with any MIMO radio in
the 2400-2500 MHz and 4900-5950 MHz bands. In addition, the uniform and symmetrical radiation
patterns will provide a high-level signal density into engineered coverage areas.
MARKETS / APPLICATIONS
FEATURES
Ultra thin, compact ASA UV stable white housing.
Four radiating elements optimized for indoor &
outdoor 802.11n or 802.11ac MIMO applications.
Articulating arm mount can anchored directly
to a vertical surface or mast mounted and
oriented for optimal signal radiation.
Both horizontal & vertical polarization for
multipath mitigation.
IP67 Rated and RoHS compliant.
High density WiFi
Sports Entertainment- outdoor stadiums,
arenas & convention centers
Hospitality – hotels & casinos
Transportation – airport, bus, & train terminals
Retail – stores & indoor pedestrian malls
Education – libraries & museums
PARAMETERS
SPECIFICATIONS
Number of Ports
Four (4)
Frequency Bands, MHz
2400-2500
4900-5950
Peak Gain, Typical dBi
8.2
8.3
Peak Gain, Max dBi
8.6
9.4
Max Gain ± 30o above Horizon, dBi
N/A
7.4
Azimuth 3 dB Beamwidth, Typ (V-pol/H-pol)
75
°/62°
62
°/57°
Elevation 3 dB Beamwidth, Typ (V-pol/H-pol)
62
°/73°
50
°/65°
VSWR, Typical
< 1.6:1
< 1.8:1
VSWR, Max
< 2.0:1
< 2.0:1
Port-to-Port Isolation, Typical
> 34 dB
> 34 dB
Port-to-Port Isolation, Maximum
> 30 dB
> 30 dB
Nominal Impedance
50
Ω
Polarization
2-Ports Vertical, 2-Ports Horizontal
Front-to-Back Ratio
> 15 dB
Maximum Input Power (per port)
10 W (ambient temp of 25
°C/77°F)
Dimensions
254 x 254 x 41 mm (10” x 10” x 1.6”)
Weight (without mount)
1.14 kg (2.50 lbs)
Mounting
Articulating Mount, Mast or Flush Mount
Cable Type
Low Temperature Plenum Rated Cable
Wind Survival
200 km/h (125 mph)
Wind Gust Survival
266 km/h (165 mph)
Ingress Protection
IP67
Operating Temperature
-30
°C to +70°C (-22°F to +158°F)
Storage Temperature
-40
°C to +85°C (-40°F to +185°F)
Radome/Baseplate Material
Polycarbonate, UL94-V0, UV Stable White
Material Compliance
RoHS Compliant
PART NUMBER
PDQ24499-FNF
N/A
4x- Fixed Type N-female
PDQ24499-91NF
Dual- 91 cm (3.00 ft)
4x- Type N- female
PDQ24499-91NM
Dual- 91 cm (3.00 ft)
4x- Type N- male
CABLE LENGTH
CONNECTOR
Americas: +1.847 839.6925
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.215855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
Patent Pending PDQ24499
Standard Articulating Mount


Similar Part No. - PDQ24499-FNF

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PDQ244915 LSTD-PDQ244915 Datasheet
1Mb / 3P
   Ultra thin, compact ASA UV stable white housing
PDQ244915-91NF LSTD-PDQ244915-91NF Datasheet
1Mb / 3P
   Ultra thin, compact ASA UV stable white housing
PDQ244915-91NM LSTD-PDQ244915-91NM Datasheet
1Mb / 3P
   Ultra thin, compact ASA UV stable white housing
PDQ244915-FNF LSTD-PDQ244915-FNF Datasheet
1Mb / 3P
   Ultra thin, compact ASA UV stable white housing
More results

Similar Description - PDQ24499-FNF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE334-150CM PASTERNACK-PE334-150CM Datasheet
358Kb / 5P
   ROHS and REACH Compliant
PE330-150CM PASTERNACK-PE330-150CM Datasheet
356Kb / 5P
   ROHS and REACH Compliant
PE331-48 PASTERNACK-PE331-48 Datasheet
358Kb / 5P
   ROHS and REACH Compliant
PE332-60 PASTERNACK-PE332-60 Datasheet
357Kb / 5P
   ROHS and REACH Compliant
PE332-150CM PASTERNACK-PE332-150CM Datasheet
357Kb / 5P
   ROHS and REACH Compliant
PE333-36 PASTERNACK-PE333-36 Datasheet
479Kb / 5P
   ROHS and REACH Compliant
PE333-100CM PASTERNACK-PE333-100CM Datasheet
478Kb / 5P
   ROHS and REACH Compliant
PE333-200CM PASTERNACK-PE333-200CM Datasheet
479Kb / 5P
   ROHS and REACH Compliant
PE334-200CM PASTERNACK-PE334-200CM Datasheet
358Kb / 5P
   ROHS and REACH Compliant
PE330-100CM PASTERNACK-PE330-100CM Datasheet
356Kb / 5P
   ROHS and REACH Compliant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com