Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LV387AE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI90LV387AE
Description  High-Speed Differential Line Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV387AE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI90LV387AE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV387AE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV387AE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV387AE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV387AE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV387AE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV387AE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PS8573C
09/22/04
PI90LV387/PI90LVB387
High-Speed Differential Line Drivers
Supply Voltage Range, VCC(2)........................................–0.5V to 4V
Voltage Range: Inputs ............................................ –0.5V to 6V
DO+ or DO–............................................................. –0.5V to 4V
Electrostatic Discharge(3):
(DO+,DO– and GND).......................Class 3, A: 10kV, B:700V
(All Pins) ..........................................Class 3, A: 8kV, B:600V
Continuous Power Dissipation......(see dissipation rating table)
Storage Temperature Range ............................. –65°C to 150°C
Lead Temperature 1.6mm (1/16 inch)
from case for 10 seconds...............................................260°C
Absolute Maximum Ratings
(Over Operating Free-Air Temperature, unless otherwise noted)(1)
Notes:
1. Stresses beyond those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other
conditions beyond those indicated under “Recommended Operating
Conditions” is not implied. Exposure to Absolute-Maximum-Rated
conditions for extended periods may affect device reliability.
2. All voltage values, except differential I/O bus voltages, are with
respect to ground terminal.
3. Tested in accordance with MIL-STD-883C Method 3015.7
Recommended Operating Conditions
Min. Nom. Max. Units
Supply Voltage, VCC
3.0
3.3
3.6
V
High-level Input Voltage, VIH
2.0
Low-level Input Voltage, VIL
0.8
Operating free-air tempera-
ture, TA
-40
85
ºC
Driver Function Table
Differential Input
Enables
Outputs
DIN
EN
DOUT+
DOUT-
H
H
H
L
L
H
L
H
X
L
Z
Z
Open
H
L
H
Notes:
1. H = high level,
L = low level,
X = irrelevent,
Z = high impedance (off)


Similar Part No. - PI90LV387AE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
PI90LV3811A PERICOM-PI90LV3811A Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
PI90LV386AE PERICOM-PI90LV386AE Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
More results

Similar Description - PI90LV387AE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com