Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LVB387 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI90LVB387
Description  High-Speed Differential Line Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVB387 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI90LVB387 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LVB387 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LVB387 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LVB387 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LVB387 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LVB387 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LVB387 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
PS8573C
09/22/04
PI90LV387/PI90LVB387
High-Speed Differential Line Drivers
Switching Characteristics (Over Recommended Operating Conditions, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Units
tPHL
Propagation delay time low-to-high level outputs
RL = 50Ω (LVB)
RL = 100Ω (LV)
CL = 10pF
See Figure 4
0.9
1.8
2.6
ns
tPHL
Propagation delay time, high-to-low-level outputs
0.9
1.8
2.6
tr
Differential outpu sign rise time
0.4
0.8
1.3
tf
Differential output signal fall time
0.4
0.8
1.3
tsk(p)
Pulse skew ( | tphl - tphl | )
150
500
ps
tsk(o)
Output skew(2)
80
150
tsk(pp)
Part-to-part skew (3)
1.5
tPZH
Propagation delay time, high impdeance-to high-level output
See Figure 5
4.5
6.7
ns
tPZL
Propagation delay time, high impdeance-to low-level output
3.5
5.1
tPHZ
Propagation delay time, high-level-to-high-impdeance output
3.1
4.6
tPLZ
Propagation delay time, low-level-to-high-impdeance output
3.1
4.6
fMAX
Maximum operating frequency
250
MHz
Notes:
1. All typical values are at 25°C and with a 3.3V supply
2. tsk(o) is the magnitude of the time difference between the tPLH or tPHL of all drivers of a single device with all of their inputs connected to-
gether.
3. tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices operate
with the same supply voltages, at the same temperature, and have identical packages and test circuits


Similar Part No. - PI90LVB387

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB3811 PERICOM-PI90LVB3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
PI90LVB3811A PERICOM-PI90LVB3811A Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results

Similar Description - PI90LVB387

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com