Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LVT211LE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI90LVT211LE
Description  1:6 Differential Clock Distribution Chip
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVT211LE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI90LVT211LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LVT211LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LVT211LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LVT211LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LVT211LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LVT211LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LVT211LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LVT211LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LVT211LE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
PS8535C
10/04/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV211/PI90LVT211
1:6 Differential Clock
DistributionChip
Figure 6. Cycle-to-Cycle Jitter
Figure 7. Period Jitter
CLKOUT–
CLKOUT+
CLKOUT–
CLKOUT+
t cycle n
fO
1
t jit(per) = t cycle n
fO
1
tjit(cc) = tcycle n - tcycle n+1
tcycle n+1
tcycle n
CLKOUT–
CLKOUT+


Similar Part No. - PI90LVT211LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVT02 PERICOM-PI90LVT02 Datasheet
181Kb / 9P
   SOTinyTM LVDS High-Speed Differential Line Receiver
PI90LVT02TEX PERICOM-PI90LVT02TEX Datasheet
181Kb / 9P
   SOTinyTM LVDS High-Speed Differential Line Receiver
PI90LVT02TEX PERICOM-PI90LVT02TEX Datasheet
364Kb / 9P
   SOTiny LVDS High-Speed Differential Line Receiver
PI90LVT02TX PERICOM-PI90LVT02TX Datasheet
181Kb / 9P
   SOTinyTM LVDS High-Speed Differential Line Receiver
PI90LVT048A PERICOM-PI90LVT048A Datasheet
154Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Receivers
More results

Similar Description - PI90LVT211LE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E211 ONSEMI-MC10E211 Datasheet
123Kb / 7P
   1:6 DIFFERENTIAL CLOCK DISTRIBUTION CHIP
1996 REV 3
MC10E211 ONSEMI-MC10E211_06 Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15 Datasheet
88Kb / 4P
   1:4 Clock Distribution Chip
1996 REV 2
logo
Integrated Circuit Syst...
ICS85408 ICST-ICS85408 Datasheet
466Kb / 12P
   LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
logo
Renesas Technology Corp
ICS8516I RENESAS-ICS8516I Datasheet
599Kb / 19P
   Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
2019
logo
Integrated Device Techn...
ICS8516I IDT-ICS8516I Datasheet
181Kb / 18P
   Low Skew, 1-to-16 Differential-to-LVDS, Clock Distribution Chip
ICS8516 IDT-ICS8516 Datasheet
239Kb / 16P
   Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
logo
Integrated Circuit Syst...
ICS8516 ICST-ICS8516 Datasheet
345Kb / 15P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com