Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6024IM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6024IM
Description  Low Power CMOS Quad Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6024IM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMC6024IM Datasheet HTML 6Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 7Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 8Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 9Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 10Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 11Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 12Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 13Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Typical Single-Supply Applications (V+ = 5.0 V
DC) (Continued)
Low-Leakage Sample-and-Hold
DS011235-17
Instrumentation Amplifier
DS011235-18
If R1 = R5, R3 = R6, and R4 = R7;
Then
∴A
V ≈ 100 for circuit shown.
For good CMRR over temperature, low drift resistors should be used. Matching of R3 to R6 and R4 to R7 affects CMRR. Gain may be adjusted through R2.
CMRR may be adjusted through R7.
10 Hz Bandpass Filter
DS011235-19
fO = 10 Hz
Q = 2.1
Gain = −8.8
10 Hz High-Pass Filter (2 dB Dip)
DS011235-20
fc = 10 Hz
d = 0.895
Gain = 1
www.national.com
11


Similar Part No. - LMC6024IM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6024IM/NOPB TI1-LMC6024IM/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Low Power CMOS Quad Operational Amplifier
LMC6024IMX/NOPB TI1-LMC6024IMX/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Low Power CMOS Quad Operational Amplifier
More results

Similar Description - LMC6024IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPC660 NSC-LPC660 Datasheet
603Kb / 17P
   Low Power CMOS Quad Operational Amplifier
logo
Texas Instruments
LMC6024 TI1-LMC6024 Datasheet
1Mb / 22P
[Old version datasheet]   Low Power CMOS Quad Operational Amplifier
LPC660 TI1-LPC660 Datasheet
1Mb / 24P
[Old version datasheet]   LPC660 Low Power CMOS Quad Operational Amplifier
logo
STMicroelectronics
TS27L4C STMICROELECTRONICS-TS27L4C Datasheet
137Kb / 9P
   PRECISION VERY LOW POWER CMOS QUAD OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
National Semiconductor ...
LMC660 NSC-LMC660_00 Datasheet
441Kb / 12P
   CMOS Quad Operational Amplifier
LMC660EP NSC-LMC660EP Datasheet
891Kb / 15P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660_06 Datasheet
873Kb / 14P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660 Datasheet
461Kb / 14P
   CMOS Quad Operational Amplifier
LMC6034 NSC-LMC6034 Datasheet
301Kb / 12P
   CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com