Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8101-F3 Datasheet(PDF) 1 Page - NEC

Part # PS8101-F3
Description  NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8101-F3 Datasheet(HTML) 1 Page - NEC

  PS8101-F3 Datasheet HTML 1Page - NEC PS8101-F3 Datasheet HTML 2Page - NEC PS8101-F3 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NEC's HIGH NOISE REDUCTION
HIGH SPEED ANALOG OUTPUT
5 PIN SOP OPTOCOUPLER
PS8101
FEATURES
HIGH COMMON MODE TRANSISENT IMMUNITY:
CMH,CML: ±10 kV/µs MIN
HIGH ISOLATION VOLTAGE:
BV: 2500 Vr.m.s.
HIGH SUPPLY VOLTAGE:
VCC = 35 V
HIGH SPEED RESPONSE:
tPHL = 0.8 µs MAX, tPLH = 1.2 µs MAX
AVAILABLE IN TAPE AND REEL:
PS8101-F3, F4
DESCRIPTION
NEC's PS8101 is an optically coupled isolator containing a
GaAIAs LED on the light emitting diode (input) side and a PIN
photodiode and a high speed amplifier transistor on the output
side on one chip. Its small package makes it ideal for high
density circuits and applications.
APPLICATIONS
COMPUTERS AND PERIPHERALS MANUFACTURES
GENERAL PURPOSE INVERTER
POWER SUPPLIES
RELAY AND PULSE TRANSFORMER
REPLACEMENTS
ELECTRICAL CHARACTERISTICS (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 16 mA
V
1.7
2.2
IR
Reverse Current, VR = 3 V
µA10
∆VF/∆T
Forward Voltage Temp. Coefficient, IF = 16 mA
mV/°C
-1.6
Ct
Terminal Capacitance, V = 0 V, f = 1.0 MHz
pF
60
IOH(1)
High Level Output Current
nA
3
500
IF = 0 mA, VCC = VO = 5.5 V
IOH(2)
High Level Output Current
µA100
IF = 0 mA, VCC = VO = 30 V
VOL
Low Level Output Voltage
V
0.1
0.4
IF = 16 mA, VCC = 4.5 V, LO = 1.2 mA
ICCL
Low Level Supply Current
µA50
IF = 16 mA, VO = Open, VCC = 30 V
ICCH
High Level Supply Current
µA
0.01
2
IF = 0 mA, VO = Open, VCC = 30 V
PART NUMBER
PS8101
CTR
Current Transfer Ratio, IF= 16 mA, VCC = 4.5 V, VO = 0.4 V
%
15
20
35
RI-O
Isolation Resistance, V IN-OUT = 1k VDC, RH = 40 to 60 %
1011
CI-O
Isolation Capacitance, V = 0, f = 1.0 MHz
pF
0.4
tPHL
Propagation Delay Time, (High → Low)1
µs
0.5
0.8
IF = 16 mA, VCC = 5 V, RL = 2.2 k Ω, CL = 15 pF
tPLH
Propagation Delay Time, (Low → High)1
µs
0.6
1.2
IF= 16 mA, VCC = 5 V, RL = 2.2 k Ω, CL = 15 pF
CMH
Common Mode Transient Immunity at High Level Output2
kV/µs10
IF= 0 mA, VCC = 5 V, RL = 4.1 k Ω, VCM = 1.5 kV
CML
Common Mode Transient Immunity at Low Level Output 2
kV/µs
-10
IF= 16 mA, VCC = 5 V, RL = 4.1 k Ω, VCM = 1.5 kV
CON'T ON NEXT PAGE.
California Eastern Laboratories
ESD SENSITIVE
NOTES:
1. CTR rank
K: 20 to 35 (%)
N: 10 to 35 (%)
PRELIMINARY DATA SHEET


Similar Part No. - PS8101-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS8101-F3 NEC-PS8101-F3 Datasheet
126Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101-F3 CEL-PS8101-F3 Datasheet
209Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS8101-F3 RENESAS-PS8101-F3 Datasheet
250Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE
PS8101-F3 RENESAS-PS8101-F3 Datasheet
258Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101-F3 CEL-PS8101-F3 Datasheet
429Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS8101-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8701 CEL-PS8701 Datasheet
56Kb / 6P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
logo
NEC
PS8703 NEC-PS8703 Datasheet
122Kb / 6P
   NECs HIGH SPEED (200 kbps) ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS8701 NEC-PS8701 Datasheet
65Kb / 8P
   HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9614 CEL-PS9614 Datasheet
216Kb / 7P
   NECs HIGH NOISE REDUCTION HIGH SPEED DIGITAL OUTPUT TYPE 8 PIN DIP OPTOCOUPLER
logo
NEC
PS9614 NEC-PS9614 Datasheet
130Kb / 7P
   NECs HIGH NOISE REDUCTION HIGH SPEED DIGITAL OUTPUT TYPE 8 PIN DIP OPTOCOUPLER
logo
California Eastern Labs
PS9711 CEL-PS9711 Datasheet
130Kb / 7P
   HIGH NOISE REDUCTION/ HIGH SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5 PIN SOP TOM OPTOCOUPLER
PS8703 CEL-PS8703 Datasheet
124Kb / 6P
   ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
logo
NEC
PS2711 NEC-PS2711 Datasheet
142Kb / 6P
   NECs HIGH CTR, 4 PIN SOP OPTOCOUPLER
PS9117 NEC-PS9117 Datasheet
522Kb / 10P
   NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP OPTOCOUPLER
PS9661 NEC-PS9661 Datasheet
2Mb / 8P
   NECs HIGH NOISE REDUCTION 25 Mbps CMOS OUTPUT TYPE 8-PIN DIP OPTOCOUPLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com