Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M60642GSN Datasheet(PDF) 1 Page - MTRONPTI

Part # M60642GSN
Description  2.0 x 2.5 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M60642GSN Datasheet(HTML) 1 Page - MTRONPTI

  M60642GSN Datasheet HTML 1Page - MTRONPTI M60642GSN Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Rev: 01/28/2013
M6064 & M6065 Series
2.0 x 2.5 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
Pin Connections
Features:
Ultra Miniature Package
Tight Stability Performance
Down to ±0.5 ppm
Standard6PadConfiguration
Applications:
Telecommunications such as SONET / SDH / DWDM /
FEC / SERDES / OC-3 thru OC-192
Wireless base stations / WLAN / Gigabit Ethernet
Avionicflightcontrolsandmilitarycommunications
Pin
Function
1
Ground or V
CT
2
N/C
3
Ground
4
Output
5
N/C
6
+V
DD
Ordering Information
M6064
1
J
S
N
00.0000
MHz
Product Series
M6064 = TCXO
M6065 = VCTCXO
Temperature Range
1: 0 °C to +70 °C
H: -30 °C to +85 °C
2: -40 °C to +85 °C
Stability
H: ±2.5 ppm
J: ±1.0 ppm
G: ±0.5 ppm
Output Waveform
S: Clipped Sine Wave
Package/Lead Configurations
N: 6 Pad Leadless Ceramic
Frequency (customer specified)
M6064Sxxx & M6065Sxxx - Custom datasheets.
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Frequency Range
FR
10.0
52.0
MHz
∆F/F
-1.0
+1.0
ppm
@ +25 °C, initial
∆F/F
-1.5
+1.5
ppm
@ +25 °C, after two reflow
soldering profiles
Frequency Stability
∆FT/F
ppm
Over Operating
Temperature
Frequency vs Supply Voltage
∆FVDD/F
-0.2
+0.2
ppm
For ±10% voltage change
Frequency vs Load
∆FLOAD/F
-0.2
+0.2
ppm
For ±10% load change
Aging
-1.0
+1.0
ppm
per year @ +40 °C
Operating Temperature
Input Voltage
VDD
2.85
3
3.15
V
Input Current
IDD
2
mA
Output Type
Output Load
Output Level
0.8
Vpk-pk
Control Voltage
VCT
0.5
1.5
2.5
V
M6065 only.
Frequency Tuning
±5
±12
ppm
M6065 only. VCT = +1.5 V
-85
dBc/Hz @ 10 Hz
-110
dBc/Hz @ 100 Hz
-135
dBc/Hz @ 1 kHz
-150
dBc/Hz @ 10 kHz
Mechanical Shock
Vibration
Hermeticity
Storage Temperature
Solderability
Max Soldering Conditions
Package
6-pad 2.0 X 2.5 X 0.9 mm leadless ceramic. RoHS compliant.
-55 °C to +105 °C
Per EIAJ-STD-002
Per MIL-STD-202, Method 112 (1x10-8 atm.cc/s of helium) (Crystal unit only)
See Solder Profile, Figure 1
Frequency Tolerance
Phase Noise (Typical)
Clipped Sine Wave
10 kΩ || 10 pF
(See Ordering Information)
(See Ordering Information)
Per MIL-STD-202, Method 213 (2000 g, 0.3 ms duration, ½ sine wave)
Per MIL-STD-202, Method 201 & 204 (10 g from 20 Hz to 2000 Hz)


Similar Part No. - M60642GSN

ManufacturerPart #DatasheetDescription
logo
Heyco.
M6060 HEYCO-M6060 Datasheet
292Kb / 1P
   HEYbrid™ Stainless Steel Liquid Tight Cordgrips
logo
Vishay Siliconix
M6060C VISHAY-M6060C Datasheet
103Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
M6060C VISHAY-M6060C Datasheet
91Kb / 6P
   Dual Common-Cathode Schottky Rectifier
Revision: 20-Nov-12
M6060C VISHAY-M6060C Datasheet
93Kb / 5P
   Dual Common Cathode Schottky Rectifier
08-Feb-17
M6060P VISHAY-M6060P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
More results

Similar Description - M60642GSN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M60551HSN MTRONPTI-M60551HSN Datasheet
879Kb / 2P
   2.5 x 3.2 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
logo
Advanced Crystal Techno...
ACT751T-4 ACT-ACT751T-4_13 Datasheet
373Kb / 3P
   Clipped Sine Wave TCXO/VCTCXO
07/10/2013
logo
MTRONPTI
M60531HSN MTRONPTI-M60531HSN Datasheet
836Kb / 2P
   3.2 x 5.0 mm, 3.0 V, Clipped Sine Wave or HCMOS, TCXO/VCTCXO
logo
Advanced Crystal Techno...
TX25SA ACT-TX25SA Datasheet
650Kb / 2P
   TCXO, 2.5 x 2.0mm, Clipped sine wave
24062016
TX20SA ACT-TX20SA Datasheet
648Kb / 2P
   TCXO, 2.0 x 1.6mm, Clipped sine wave
25042016
logo
QUARTZCOM the communica...
TX7-302 QUARTZCOM-TX7-302 Datasheet
231Kb / 1P
   SMD TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TX32SA ACT-TX32SA Datasheet
671Kb / 2P
   TCXO, 3.2 x 2.5mm, Clipped sine wave
24062016
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TSK3225 ACT-TSK3225 Datasheet
752Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com