Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS21352LN Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS21352LN
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352LN Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS21352LN Datasheet HTML 7Page - Dallas Semiconductor DS21352LN Datasheet HTML 8Page - Dallas Semiconductor DS21352LN Datasheet HTML 9Page - Dallas Semiconductor DS21352LN Datasheet HTML 10Page - Dallas Semiconductor DS21352LN Datasheet HTML 11Page - Dallas Semiconductor DS21352LN Datasheet HTML 12Page - Dallas Semiconductor DS21352LN Datasheet HTML 13Page - Dallas Semiconductor DS21352LN Datasheet HTML 14Page - Dallas Semiconductor DS21352LN Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 137 page
background image
DS21352/DS21552
11 of 137
4. PIN DESCRIPTION
Table 4-1 PIN DESCRIPTION SORTED BY PIN NUMBER
PIN
SYMBOL
TYPE
DESCRIPTION
1
RCHBLK
O
Receive Channel Block
2
JTMS
I
IEEE 1149.1 Test Mode Select
3
8MCLK
O
8.192 MHz Clock
4
JTCLK
I
IEEE 1149.1 Test Clock Signal
5
JTRST
I
IEEE 1149.1 Test Reset
6
RCL
O
Receive Carrier Loss
7
JTDI
I
IEEE 1149.1 Test Data Input
8
NC
No Connect
9
NC
No Connect
10
JTDO
O
IEEE 1149.1 Test Data Output
11
BTS
I
Bus Type Select
12
LIUC
I
Line Interface Connect
13
8XCLK
O
Eight Times Clock
14
TEST
I
Test
15
NC
No Connect
16
RTIP
I
Receive Analog Tip Input
17
RRING
I
Receive Analog Ring Input
18
RVDD
Receive Analog Positive Supply
19
RVSS
Receive Analog Signal Ground
20
RVSS
Receive Analog Signal Ground
21
MCLK
I
Master Clock Input
22
XTALD
O
Quartz Crystal Driver
23
NC
No Connect
24
RVSS
Receive Analog Signal Ground
25
INT*
O
Interrupt
26
NC
No Connect
27
NC
No Connect
28
NC
No Connect
29
TTIP
O
Transmit Analog Tip Output
30
TVSS
Transmit Analog Signal Ground
31
TVDD
Transmit Analog Positive Supply
32
TRING
O
Transmit Analog Ring Output
33
TCHBLK
O
Transmit Channel Block
34
TLCLK
O
Transmit Link Clock
35
TLINK
I
Transmit Link Data
36
CI
I
Carry In
37
TSYNC
I/O
Transmit Sync
38
TPOSI
I
Transmit Positive Data Input
39
TNEGI
I
Transmit Negative Data Input
40
TCLKI
I
Transmit Clock Input
41
TCLKO
O
Transmit Clock Output
42
TNEGO
O
Transmit Negative Data Output
43
TPOSO
O
Transmit Positive Data Output
Table 4-1 PIN DESCRIPTION SORTED BY PIN NUMBER (cont.)
PIN
SYMBOL
TYPE
DESCRIPTION
44
DVDD
Digital Positive Supply
45
DVSS
Digital Signal Ground
46
TCLK
I
Transmit Clock
47
TSER
I
Transmit Serial Data
48
TSIG
I
Transmit Signaling Input
49
TESO
O
Transmit Elastic Store Output


Similar Part No. - DS21352LN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21352LN MAXIM-DS21352LN Datasheet
1Mb / 137P
   T1 Single-Chip Transceivers
120501
More results

Similar Description - DS21352LN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21554 MAXIM-DS21554 Datasheet
944Kb / 124P
   3.3V/5V E1 Single-Chip Transceivers
REV: 021004
DS21552 MAXIM-DS21552 Datasheet
1Mb / 137P
   T1 Single-Chip Transceivers
120501
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Maxim Integrated Produc...
MAX4213EVKIT MAXIM-MAX4213EVKIT Datasheet
68Kb / 4P
   Single 3.3V/5V Operation
Rev 1; 6/98
logo
Dallas Semiconductor
DS1814 DALLAS-DS1814 Datasheet
146Kb / 8P
   5V and 3.3V MicroMonitor
logo
Maxim Integrated Produc...
DS1814 MAXIM-DS1814 Datasheet
152Kb / 8P
   5V and 3.3V MicroMonitor
122001
logo
Micrel Semiconductor
SY10EP05V MICREL-SY10EP05V_05 Datasheet
116Kb / 7P
   5V/3.3V DIFFERENTIAL AND/NAND
logo
Linear Technology
LTC1470 LINER-LTC1470 Datasheet
266Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1471 LINER-LTC1471_15 Datasheet
163Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470 LINER-LTC1470_15 Datasheet
163Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com