Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6043131 Datasheet(PDF) 4 Page - SICK AG

Part # 6043131
Description  TEMPERATURE SENSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6043131 Datasheet(HTML) 4 Page - SICK AG

  6043131 Datasheet HTML 1Page - SICK AG 6043131 Datasheet HTML 2Page - SICK AG 6043131 Datasheet HTML 3Page - SICK AG 6043131 Datasheet HTML 4Page - SICK AG 6043131 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
TBT-1ABGE1006GZ | TBT
TEMPERATURE SENSORS
Process connections, conical threads
D
22
(0.87)
D
27
(1.06)
14
(0.55)
D
27
(1.06)
Thread, up to 150 °C
Thread, up to 250 °C
Compression fitting
Housing, without process connection
71
(2.80)
48
(1.89)
18
(0.71)
59
(2.32)
36
(1.42)
16
(0.63)
With cable gland IP 65
With cable gland IP 67
Connection type
Cable entry M16 x 1.5, cable cross-section up to 0.75 mm2, output signal 4 mA ... 20 mA
-
-
+
+
+
-
M
L+/Q
A
Loop
4
FLUID SENSORS | SICK
Online data sheet | 2017-02-23 11:18:08
Subject to change without notice


Similar Part No. - 6043131

ManufacturerPart #DatasheetDescription
logo
SICK AG
6043130 SICK-6043130 Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
6043132 SICK-6043132 Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
6043133 SICK-6043133 Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
6043134 SICK-6043134 Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
6043135 SICK-6043135 Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
More results

Similar Description - 6043131

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
   Temperature Sensors
logo
SICK AG
TBT-1AAS10503GZ SICK-TBT-1AAS10503GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAN20253PZ SICK-TBT-1AAN20253PZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAGE0253GZ SICK-TBT-1AAGE0253GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAS13506MZ SICK-TCT-1AAS13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAG13506MZ SICK-TCT-1AAG13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
THTE-1AA540756MZ SICK-THTE-1AA540756MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA541006MZ SICK-THTE-1AA541006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA542006MZ SICK-THTE-1AA542006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AAT12006MZ SICK-THTE-1AAT12006MZ Datasheet
789Kb / 7P
   TEMPERATURE SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com