Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03S159-K20S3 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 03S159-K20S3
Description  Calibration Kit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

03S159-K20S3 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  03S159-K20S3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03S159-K20S3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03S159-K20S3 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
FAKRA - HF
Calibration Kit
Full Version
59CK010-150
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 3
Documentation
This kit is delivered with
USB-Stick
Standard Definitions as data files for Vector Network Anaylzer Families PNA (Keysight/Agilent) and ZVA
(Rohde&Schwarz). Calibration Certificate as PDF-file.
Standard Definitions Cards
Printed Standard Definitions that can be used on nearly all Vector Network Analyzers.
Kit Info Card
Handling precautions and information for installing Standard Definitions on a Vector Network Analyzer.
Calibration Certificate
Details see “Declaration of calibration options”
Operating Manual
Electrical specifications
This specification covers electrical key values for the main calibration standards of the calibration kit.
Specific datasheets are available for each component among the part number.
Calibration standard
Frequency
Parameter
Specification
Opens
b
(plug and jack)
DC
> 1 GHz
> 3 GHz
to
to
to
 1 GHz
 3 GHz
 6 GHz
Error from
Nominal Phase
 0.5
 1.5°
 2.2
Shorts
b
(plug and jack)
DC
> 1 GHz
> 3 GHz
to
to
to
 1 GHz
 3 GHz
 6 GHz
Error from
Nominal Phase
 0.5
 1.2°
 1.8
Calibration loads
(plug and jack)
DC
> 1 GHz
> 3 GHz
to
to
to
 1 GHz
 3 GHz
 6 GHz
Return Loss
 42 dB
 40 dB
 36 dB
Calibration adaptors
RPC-3.50 to FAKRA - HF
(plug/plug ; plug/jack ; jack/plug ;
jack/jack)
DC
> 1 GHz
> 3 GHz
to
to
to
 1 GHz
 3 GHz
 6 GHz
Return Loss
 35 dB
 26 dB
 21 dB
b.
The specifications for opens and shorts are given as allowed deviation from nominal model as defined in calibration certificate
included with your kit.


Similar Part No. - 03S159-K20S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03S150-055S3 ROSENBERGER-03S150-055S3 Datasheet
98Kb / 2P
   Mismatch Plug
03S150-060S3 ROSENBERGER-03S150-060S3 Datasheet
83Kb / 2P
   Mismatch Plug
03S150-075S3 ROSENBERGER-03S150-075S3 Datasheet
83Kb / 2P
   Mismatch Plug
03S150-C10S3 ROSENBERGER-03S150-C10S3 Datasheet
100Kb / 3P
   RPC-3.50 Calibration Load Plug
03S150-C10S3 ROSENBERGER-03S150-C10S3 Datasheet
142Kb / 3P
   RPC-3.50 Calibration Kit
More results

Similar Description - 03S159-K20S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
08CK010-150 ROSENBERGER-08CK010-150 Datasheet
545Kb / 3P
   Calibration Kit
119CK010-150 ROSENBERGER-119CK010-150 Datasheet
783Kb / 3P
   Calibration Kit
09CK010-150 ROSENBERGER-09CK010-150 Datasheet
546Kb / 3P
   Calibration Kit
08CK001-150 ROSENBERGER-08CK001-150 Datasheet
775Kb / 3P
   Calibration Kit
64CK070-150 ROSENBERGER-64CK070-150 Datasheet
556Kb / 2P
   Calibration Kit
53K38R-MSON3 ROSENBERGER-53K38R-MSON3 Datasheet
541Kb / 3P
   Calibration Kit
60K34R-MSON3 ROSENBERGER-60K34R-MSON3 Datasheet
847Kb / 3P
   Calibration Kit
60S36R-MSON3 ROSENBERGER-60S36R-MSON3 Datasheet
819Kb / 3P
   Calibration Kit
05CK010-150 ROSENBERGER-05CK010-150 Datasheet
648Kb / 3P
   Calibration Kit
60K36R-MSON3 ROSENBERGER-60K36R-MSON3 Datasheet
847Kb / 3P
   Calibration Kit
60CK001-150 ROSENBERGER-60CK001-150 Datasheet
609Kb / 3P
   Calibration Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com