Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA-892-02V-H6127 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BA-892-02V-H6127
Description  Silicon RF Switching Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BA-892-02V-H6127 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BA-892-02V-H6127 Datasheet HTML 3Page - Infineon Technologies AG BA-892-02V-H6127 Datasheet HTML 4Page - Infineon Technologies AG BA-892-02V-H6127 Datasheet HTML 5Page - Infineon Technologies AG BA-892-02V-H6127 Datasheet HTML 6Page - Infineon Technologies AG BA-892-02V-H6127 Datasheet HTML 7Page - Infineon Technologies AG BA-892-02V-H6127 Datasheet HTML 8Page - Infineon Technologies AG BA-892-02V-H6127 Datasheet HTML 9Page - Infineon Technologies AG BA-892-02V-H6127 Datasheet HTML 10Page - Infineon Technologies AG BA-892-02V-H6127 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2011-07-21
8
BA592/BA892...
Date Code marking for discrete packages with
one digit (SCD80, SC79, SC75 1)) CES-Code
1) New Marking Layout for SC75, implemented at October 2005.
.
Month 2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
01
ap
A
P
ap
A
P
ap
A
P
02
bq
B
Q
bq
B
Q
bq
B
Q
03
cr
C
R
cr
C
R
cr
C
R
04
d
s
DS
d
s
DS
d
s
DS
05
e
t
ETe
t
ETe
t
ET
06
fu
F
U
fu
F
U
fu
F
U
07
gv
G
V
gv
G
V
gv
G
V
08
h
x
HXh
x
HXh
x
HX
09
jy
J
Y
jy
J
Y
jy
J
Y
10
k
z
KZ
k
z
KZ
k
z
KZ
11
l
2
L4
l
2
L4
l
2
L4
12
n
3
N5
n
3
N5
n
3
N5


Similar Part No. - BA-892-02V-H6127

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BA-8D6UW YSTONE-BA-8D6UW Datasheet
144Kb / 2P
   LED LIGHT BAR & BAR GRAPH ARRAYS
logo
BRIGHT LED ELECTRONICS ...
BA-8D6UW BRIGHT-BA-8D6UW Datasheet
153Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
BA-8D9UW BRIGHT-BA-8D9UW Datasheet
132Kb / 3P
   10.0 x 20.16mm LIGHT BAR
logo
Yellow Stone Corp
BA-8E6UW YSTONE-BA-8E6UW Datasheet
144Kb / 2P
   LED LIGHT BAR & BAR GRAPH ARRAYS
logo
BRIGHT LED ELECTRONICS ...
BA-8E6UW BRIGHT-BA-8E6UW Datasheet
141Kb / 3P
   10.0 x 20.16mm LIGHT BAR
More results

Similar Description - BA-892-02V-H6127

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAR81W KEXIN-BAR81W Datasheet
36Kb / 1P
   Silicon RF Switching Diode
logo
Siemens Semiconductor G...
BA582 SIEMENS-BA582 Datasheet
28Kb / 2P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR80 INFINEON-BAR80 Datasheet
42Kb / 4P
   Silicon RF Switching Diode
Aug-17-2001
BAR81WH6327 INFINEON-BAR81WH6327 Datasheet
824Kb / 6P
   Silicon RF Switching Diode
2011-06-14
logo
Guangdong Kexin Industr...
BAR65-02W KEXIN-BAR65-02W Datasheet
31Kb / 1P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR81 INFINEON-BAR81_07 Datasheet
75Kb / 6P
   Silicon RF Switching Diode
2007-04-19
BAT18 INFINEON-BAT18_07 Datasheet
60Kb / 5P
   Silicon RF Switching Diode
2007-03-29
BAR81W INFINEON-BAR81W Datasheet
407Kb / 4P
   Silicon RF Switching Diode
Dec-20-2002
logo
SEMTECH ELECTRONICS LTD...
BA592WS SEMTECH_ELEC-BA592WS Datasheet
245Kb / 3P
   SILICON RF SWITCHING DIODE
logo
Infineon Technologies A...
BAT18-04 INFINEON-BAT18-04_11 Datasheet
815Kb / 5P
   Silicon RF Switching Diode
2011-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com