Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA892-02L Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BA892-02L
Description  Silicon RF Switching Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BA892-02L Datasheet(HTML) 2 Page - Infineon Technologies AG

  BA892-02L Datasheet HTML 1Page - Infineon Technologies AG BA892-02L Datasheet HTML 2Page - Infineon Technologies AG BA892-02L Datasheet HTML 3Page - Infineon Technologies AG BA892-02L Datasheet HTML 4Page - Infineon Technologies AG BA892-02L Datasheet HTML 5Page - Infineon Technologies AG BA892-02L Datasheet HTML 6Page - Infineon Technologies AG BA892-02L Datasheet HTML 7Page - Infineon Technologies AG BA892-02L Datasheet HTML 8Page - Infineon Technologies AG BA892-02L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2011-07-21
2
BA592/BA892...
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BA592
BA892, BA892-02V
BA892-02L
RthJS
≤ 135
≤ 120
≤ 70
K/W
Electrical Characteristics
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 20 V
IR
-
-
20
nA
Forward voltage
IF = 100 mA
VF
-
-
1
V
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BA892-02L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BA892-02L INFINEON-BA892-02L Datasheet
416Kb / 4P
   Silicon RF Switching Diode
Feb-04-2003
BA892-02L INFINEON-BA892-02L Datasheet
108Kb / 11P
   Silicon RF Switching Diode
2007-04-19
BA892-02L INFINEON-BA892-02L Datasheet
976Kb / 11P
   For band switching in TV/VTR tuners and mobile applications
2011-07-21
BA892-02L INFINEON-BA892-02L Datasheet
976Kb / 11P
   Silicon RF Switching Diode ??For band switching in TV/VTR
2011-07-21
More results

Similar Description - BA892-02L

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAR81W KEXIN-BAR81W Datasheet
36Kb / 1P
   Silicon RF Switching Diode
logo
Siemens Semiconductor G...
BA582 SIEMENS-BA582 Datasheet
28Kb / 2P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR80 INFINEON-BAR80 Datasheet
42Kb / 4P
   Silicon RF Switching Diode
Aug-17-2001
BAR81WH6327 INFINEON-BAR81WH6327 Datasheet
824Kb / 6P
   Silicon RF Switching Diode
2011-06-14
logo
Guangdong Kexin Industr...
BAR65-02W KEXIN-BAR65-02W Datasheet
31Kb / 1P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR81 INFINEON-BAR81_07 Datasheet
75Kb / 6P
   Silicon RF Switching Diode
2007-04-19
BAT18 INFINEON-BAT18_07 Datasheet
60Kb / 5P
   Silicon RF Switching Diode
2007-03-29
BAR81W INFINEON-BAR81W Datasheet
407Kb / 4P
   Silicon RF Switching Diode
Dec-20-2002
logo
SEMTECH ELECTRONICS LTD...
BA592WS SEMTECH_ELEC-BA592WS Datasheet
245Kb / 3P
   SILICON RF SWITCHING DIODE
logo
Infineon Technologies A...
BAT18-04 INFINEON-BAT18-04_11 Datasheet
815Kb / 5P
   Silicon RF Switching Diode
2011-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com