Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA892-02V Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BA892-02V
Description  Silicon RF Switching Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BA892-02V Datasheet(HTML) 3 Page - Infineon Technologies AG

  BA892-02V Datasheet HTML 1Page - Infineon Technologies AG BA892-02V Datasheet HTML 2Page - Infineon Technologies AG BA892-02V Datasheet HTML 3Page - Infineon Technologies AG BA892-02V Datasheet HTML 4Page - Infineon Technologies AG BA892-02V Datasheet HTML 5Page - Infineon Technologies AG BA892-02V Datasheet HTML 6Page - Infineon Technologies AG BA892-02V Datasheet HTML 7Page - Infineon Technologies AG BA892-02V Datasheet HTML 8Page - Infineon Technologies AG BA892-02V Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2011-07-21
3
BA592/BA892...
Electrical Characteristics
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 3 V, f = 1 MHz
VR = 0 V, f = 100 MHz
CT
0.65
0.6
-
0.92
0.85
1
1.4
1.1
-
pF
Reverse parallel resistance
VR = 0 V, f = 100 MHz
RP
-
100
-
k
Forward resistance
IF = 3 mA, f = 100 MHz
IF = 10 mA, f = 100 MHz
rf
-
-
0.45
0.36
0.7
0.5
Charge carrier life time
IF = 10 mA, IR = 6 mA, measured at IR = 3mA,
RL = 100 Ω
τ rr
-
120
-
ns
I-region width
WI
-
3
-
µm
Insertion loss1)
IF = 0.1 mA, f = 1.8 GHz
IF = 3 mA, f = 1.8 GHz
IF = 10 mA, f = 1.8 GHz
IL
-
-
-
0.1
0.5
0.4
-
-
-
dB
Isolation1)
VR = 0 V, f = 100 MHz
VR = 0 V, f = 470 MHz
VR = 0 V, f = 1 GHz
ISO
-
-
-
23.5
10.5
5.5
-
-
-
1BA892-02L in series configuration, Z = 50Ω


Similar Part No. - BA892-02V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BA892-02V INFINEON-BA892-02V Datasheet
416Kb / 4P
   Silicon RF Switching Diode
Feb-04-2003
BA892-02V INFINEON-BA892-02V Datasheet
108Kb / 11P
   Silicon RF Switching Diode
2007-04-19
BA892-02V INFINEON-BA892-02V Datasheet
976Kb / 11P
   For band switching in TV/VTR tuners and mobile applications
2011-07-21
BA892-02V INFINEON-BA892-02V Datasheet
976Kb / 11P
   Silicon RF Switching Diode ??For band switching in TV/VTR
2011-07-21
BA892-02VE6327 INFINEON-BA892-02VE6327 Datasheet
976Kb / 11P
   For band switching in TV/VTR tuners and mobile applications
2011-07-21
More results

Similar Description - BA892-02V

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAR81W KEXIN-BAR81W Datasheet
36Kb / 1P
   Silicon RF Switching Diode
logo
Siemens Semiconductor G...
BA582 SIEMENS-BA582 Datasheet
28Kb / 2P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR80 INFINEON-BAR80 Datasheet
42Kb / 4P
   Silicon RF Switching Diode
Aug-17-2001
BAR81WH6327 INFINEON-BAR81WH6327 Datasheet
824Kb / 6P
   Silicon RF Switching Diode
2011-06-14
logo
Guangdong Kexin Industr...
BAR65-02W KEXIN-BAR65-02W Datasheet
31Kb / 1P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR81 INFINEON-BAR81_07 Datasheet
75Kb / 6P
   Silicon RF Switching Diode
2007-04-19
BAT18 INFINEON-BAT18_07 Datasheet
60Kb / 5P
   Silicon RF Switching Diode
2007-03-29
BAR81W INFINEON-BAR81W Datasheet
407Kb / 4P
   Silicon RF Switching Diode
Dec-20-2002
logo
SEMTECH ELECTRONICS LTD...
BA592WS SEMTECH_ELEC-BA592WS Datasheet
245Kb / 3P
   SILICON RF SWITCHING DIODE
logo
Infineon Technologies A...
BAT18-04 INFINEON-BAT18-04_11 Datasheet
815Kb / 5P
   Silicon RF Switching Diode
2011-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com