Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84B20 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # BZX84B20
Description  SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BZX84B20 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  BZX84B20 Datasheet HTML 1Page - Central Semiconductor Corp BZX84B20 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
SOT-23 CASE - MECHANICAL OUTLINE
BZX84C2V4
THRU
BZX84C47
SURFACE MOUNT
350mW SILICON ZENER DIODE
2.4 VOLTS THRU 47 VOLTS
R5 ( 30-March 2004)
TYPE NO.
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDENCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER
VOLTAGE
TEMP.
COEFF.
MARKING
CODE
MIN
NOM
MAX
ZZT @ IZT ZZK @ IZK
IR @ VR
IZM
Θ
ΘVZ
VOLTS VOLTS VOLTS
mA
mA
µµA
VOLTS
mA
% / °C
BZX84C11
10.4
11
11.6
5.0
20
150
1.0
0.1
8.0
23
0.07
Y1
BZX84C12
11.4
12
12.7
5.0
25
150
1.0
0.1
8.0
21
0.07
Y2
BZX84C13
12.4
13
14.1
5.0
30
170
1.0
0.1
8.0
19
0.08
Y3
BZX84C15
13.8
15
15.6
5.0
30
200
1.0
0.05
10.5
17
0.08
Y4
BZX84C16
15.3
16
17.1
5.0
40
200
1.0
0.05
11.2
16
0.08
Y5
BZX84C18
16.8
18
19.1
5.0
45
225
1.0
0.05
12.6
14
0.08
Y6
BZX84C20
18.8
20
21.2
5.0
55
225
1.0
0.05
14.0
12
0.08
Y7
BZX84C22
20.8
22
23.3
5.0
55
250
1.0
0.05
15.4
11
0.09
Y8
BZX84C24
22.8
24
25.6
5.0
70
250
1.0
0.05
16.8
10
0.09
Y9
BZX84C27
25.1
27
28.9
2.0
80
300
0.5
0.05
18.9
9
0.09
Y10
BZX84C30
28.0
30
32.0
2.0
80
300
0.5
0.05
21.0
8
0.09
Y11
BZX84C33
31.0
33
35.0
2.0
80
325
0.5
0.05
23.1
7
0.09
Y12
BZX84C36
34.0
36
38.0
2.0
90
350
0.5
0.05
25.2
6.9
0.09
Y13
BZX84C39
37.0
39
41.0
2.0
130
350
0.5
0.05
27.3
6.4
0.09
Y14
BZX84C43
40.0
43
46.0
2.0
150
375
0.5
0.05
30.1
5.8
0.10
Y15
BZX84C47
44.0
47
50.0
2.0
170
375
0.5
0.05
32.9
5.3
0.10
Y16
LEAD CODE:
1) ANODE
2) NO CONNECTION
3) CATHODE


Similar Part No. - BZX84B20

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX84B20 PANJIT-BZX84B20 Datasheet
92Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
BZX84B20 DIODES-BZX84B20 Datasheet
95Kb / 4P
   350mW SURFACE MOUNT PRECISION ZENER DIODE
logo
Pan Jit International I...
BZX84B20 PANJIT-BZX84B20 Datasheet
70Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Weitron Technology
BZX84B20 WEITRON-BZX84B20 Datasheet
832Kb / 4P
   SMALL SIGNAL ZENER DIODES 225m WATTS
logo
SEMTECH ELECTRONICS LTD...
BZX84B20 SEMTECH_ELEC-BZX84B20 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - BZX84B20

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84C3V3-33 CENTRAL-BZX84C3V3-33 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
BZX84C2V4 CENTRAL-BZX84C2V4 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
CMPZDA2V4 CENTRAL-CMPZDA2V4 Datasheet
121Kb / 2P
   SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW
BZX84A2V4 CENTRAL-BZX84A2V4_11 Datasheet
335Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS 1% TOLERANCE
CMSZDA2V4 CENTRAL-CMSZDA2V4 Datasheet
124Kb / 2P
   SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMLZDA2V4 CENTRAL-CMLZDA2V4_10 Datasheet
519Kb / 2P
   SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMLZDA2V4 CENTRAL-CMLZDA2V4 Datasheet
65Kb / 2P
   SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com