Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT15-04W Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAT15-04W
Description  Silicon Schottky Diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT15-04W Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAT15-04W Datasheet HTML 1Page - Infineon Technologies AG BAT15-04W Datasheet HTML 2Page - Infineon Technologies AG BAT15-04W Datasheet HTML 3Page - Infineon Technologies AG BAT15-04W Datasheet HTML 4Page - Infineon Technologies AG BAT15-04W Datasheet HTML 5Page - Infineon Technologies AG BAT15-04W Datasheet HTML 6Page - Infineon Technologies AG BAT15-04W Datasheet HTML 7Page - Infineon Technologies AG BAT15-04W Datasheet HTML 8Page - Infineon Technologies AG BAT15-04W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2015-01-27
3
BAT15...
Electrical Characteristics at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I(BR) = 100 µA
V(BR)
4
-
-
V
Reverse current
VR = 1 V
IR
-
-
5
µA
Forward voltage
IF = 1 mA
IF = 10 mA
VF
0.16
0.25
0.23
0.32
0.32
0.41
V
Forward voltage matching1)
IF = 10 mA
∆ VF
-
-
20
mV
AC Characteristics
Diode capacitance
VR = 0 V, f = 1 MHz, BAT15-02ELS
VR = 0 V, f = 1 MHz, BAT15-099R
VR = 0 V, f = 1 MHz, all others types
CT
-
-
-
-
-
-
0.
23
0.5
0.35
pF
Differential forward resistance
IF = 10 mA / 50 mA
RF
-
5.5
-
1∆VF is the difference between lowest and highest VF in a multiple diode component.


Similar Part No. - BAT15-04W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAT15-04W INFINEON-BAT15-04W Datasheet
525Kb / 10P
   Silicon Schottky Diodes
Jan-30-2003
BAT15-04W INFINEON-BAT15-04W Datasheet
970Kb / 16P
   Silicon Schottky Diodes
2010-03-05
BAT15-04W INFINEON-BAT15-04W Datasheet
1Mb / 16P
   Low barrier type for DBS mixer applications
BAT15-04W INFINEON-BAT15-04W Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
More results

Similar Description - BAT15-04W

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMRD6263DO CENTRAL-CMRD6263DO_15 Datasheet
855Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-E6327 INFINEON-BAT64-E6327 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAT68 INFINEON-BAT68_07 Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT64 INFINEON-BAT64_07 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAS125W INFINEON-BAS125W Datasheet
58Kb / 5P
   Silicon Schottky Diodes
Nov-15-2001
logo
Central Semiconductor C...
CMPD6263 CENTRAL-CMPD6263_15 Datasheet
587Kb / 2P
   SILICON SCHOTTKY DIODES
CMPSH-3CG CENTRAL-CMPSH-3CG_15 Datasheet
397Kb / 2P
   SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO_15 Datasheet
921Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT-68-E6327 INFINEON-BAT-68-E6327 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com