Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT17-04W Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAT17-04W
Description  Silicon Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT17-04W Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAT17-04W Datasheet HTML 1Page - Infineon Technologies AG BAT17-04W Datasheet HTML 2Page - Infineon Technologies AG BAT17-04W Datasheet HTML 3Page - Infineon Technologies AG BAT17-04W Datasheet HTML 4Page - Infineon Technologies AG BAT17-04W Datasheet HTML 5Page - Infineon Technologies AG BAT17-04W Datasheet HTML 6Page - Infineon Technologies AG BAT17-04W Datasheet HTML 7Page - Infineon Technologies AG BAT17-04W Datasheet HTML 8Page - Infineon Technologies AG BAT17-04W Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2011-06-15
3
BAT17...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I(BR) = 10 µA
V(BR)
4
-
-
V
Reverse current
VR = 3 V
VR = 4 V
VR = 3 V, TA = 60 °C
IR
-
-
-
-
-
-
0.25
10
1.25
µA
Forward voltage
IF = 0.1 mA
IF = 1 mA
IF = 10 mA
VF
200
250
350
275
340
425
350
450
600
mV
Forward voltage matching1)
IF = 1 mA
∆ VF
-
-
20
AC Characteristics
Diode capacitance
VR = 0 , f = 1 MHz
CT
0.4
0.55
0.75
pF
Differential forward resistance
IF = 5 mA, f = 10 kHz
RF
-
8
15
1∆VF is the difference between lowest and highest VF in multiple diode component.


Similar Part No. - BAT17-04W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT17-04W SIEMENS-BAT17-04W Datasheet
39Kb / 3P
   Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
logo
Infineon Technologies A...
BAT17-04W INFINEON-BAT17-04W Datasheet
450Kb / 5P
   Silicon Schottky Diode
Feb-03-2003
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
   Silicon Schottky Diode
logo
Infineon Technologies A...
BAT17-04W INFINEON-BAT17-04W Datasheet
104Kb / 9P
   Silicon Schottky Diode
2007-04-19
BAT17-04W INFINEON-BAT17-04W Datasheet
861Kb / 9P
   For mixer applications in VHF/UHF range
2011-06-15
More results

Similar Description - BAT17-04W

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
   Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
   Silicon Schottky Diode
Jan-16-200
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
   Silicon Schottky Diode
Aug-06-2001
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
   Silicon Schottky Diode
Feb-03-2003
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
   Silicon Schottky Diode
Jun-15-2004
BAT2402LSE6327 INFINEON-BAT2402LSE6327 Datasheet
578Kb / 6P
   Silicon Schottky Diode
2011-06-15
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
   SILICON SCHOTTKY DIODE
logo
M/A-COM Technology Solu...
SMS202 MA-COM-SMS202 Datasheet
532Kb / 3P
   Silicon Schottky Diode
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
   SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
   Silicon Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com