Electronic Components Datasheet Search |
|
C931U620KUWDAA7317 Datasheet(PDF) 10 Page - Kemet Corporation |
|
C931U620KUWDAA7317 Datasheet(HTML) 10 Page - Kemet Corporation |
10 / 15 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1067_X1_400 VAC_Y1_250 VAC • 1/13/2017 10 Radial Leaded Ceramic Disc Capacitors Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade) Soldering and Mounting Information Soldering: When soldering this product to a PCB/PWB, do not exceed the solder heat resistance specification of the capacitor. Subjecting this product to excessive heating could reflow the solder joint between the lead and ceramic element and/or may result in thermal shocks that can crack the ceramic element. When soldering these capacitors with a soldering iron, it should be performed under the following conditions: • Temperature of iron-tip: 400ºC maximum • Soldering iron wattage: 50 W maximum • Soldering time: 3.5 seconds maximum Cleaning (ultrasonic cleaning): To perform ultrasonic cleaning, observe the following conditions: • Rinse bath capacity: Output of 20 watts per liter or less • Rinsing time: 5 minute maximum • Do not vibrate the PCB/PWB directly • Excessive ultrasonic cleaning may lead to fatigue destruction of the lead wires Construction Detailed Cross Section Epoxy Encapsulation (0.4 mm Minimum Thickness, Pigment = Blue/UL 94 V-0) Lead Attach Solder (Sn96.5/Ag3/Cu0.5) Electrode (Ag – Glass Frit) Core Metal Barrier Layer Finish Layer Steel Cu 100% Sn (3-7 µm) Lead Wire Dielectric Material (BaTiO 3) Lead Attach Solder (Sn96.5/Ag3/Cu0.5) Electrode (Ag – Glass Frit) Dielectric Material (BaTiO 3) |
Similar Part No. - C931U620KUWDAA7317 |
|
Similar Description - C931U620KUWDAA7317 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |