Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74FCT541CTQ Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74FCT541CTQ
Description  Fast CMOS Octal Buffer/Line Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT541CTQ Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74FCT541CTQ Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT541CTQ Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT541CTQ Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT541CTQ Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT541CTQ Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT541CTQ Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT541CTQ Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
PS2011D
09/22/04
PI74FCT244T/2244T
PI74FCT541T/2541T
Octal Buffer/Line Drivers
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
ICC
Quiescent Power
Supply Current
VCC = Max.
VIN = GND or VCC
0.1
500
µA
ΔICC
Supply Current per
Input @ TTL HIGH
VCC = Max.
VIN = 3.4V(3)
0.5
2.5
mA
ICCD
Supply Current per
Input per MHz(4)
VCC = Max.,
Outputs Open
OEA = OEB = GND or
OEA = GND, OEB = VCC
One Bit Toggling
50% Duty Cycle
VIN = VCC
VIN = GND
0.15
0.25
mA/
MHz
IC
Total Power Supply
Current(6)
VCC = Max.,
Outputs Open
fI = 10 MHZ
50% Duty Cycle
OEA = OEB = GND or
OEA = GND, OEB = VCC
One Bit Toggling
VIN = VCC
VIN = GND
1.5
3.5(5)
mA
VIN = 3.4V
VIN = GND
1.8
4.5(5)
VCC = Max.,
Outputs Open
fI = 2.5 MHZ
50% Duty Cycle
OEA = OEB = GND or
OEA = GND, OEB = VCC
Eight Bits Toggling
VIN = VCC
VIN = GND
3.0
6.0(5)
VIN = 3.4V
VIN = GND
5.0
14.0(5)
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at Vcc = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at Vcc or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the Icc formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC + ΔICC DHNT + ICCD (fCP/2 + fINI)
ICC = Quiescent Current
ΔICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fI = Input Frequency
NI = Number of Inputs at fI
All currents are in milliamps and all frequencies are in megahertz.


Similar Part No. - PI74FCT541CTQ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT541CTL PERICOM-PI74FCT541CTL Datasheet
730Kb / 8P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT541CTLE PERICOM-PI74FCT541CTLE Datasheet
730Kb / 8P
   Fast CMOS Octal Buffer/Line Drivers
More results

Similar Description - PI74FCT541CTQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74541 IDT-74541 Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
IDT74FC240T IDT-IDT74FC240T Datasheet
185Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
logo
Pericom Semiconductor C...
PI74FCT240T PERICOM-PI74FCT240T Datasheet
135Kb / 6P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT244T PERICOM-PI74FCT244T_06 Datasheet
730Kb / 8P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT162541 PERICOM-PI74FCT162541 Datasheet
61Kb / 6P
   Fast CMOS 16-Bit Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Texas Instruments
CD54AC240 TI1-CD54AC240_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Buffer Line Drivers
logo
Integrated Device Techn...
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com