Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C941U101JVWDAA7317 Datasheet(PDF) 1 Page - Kemet Corporation

Part # C941U101JVWDAA7317
Description  Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C941U101JVWDAA7317 Datasheet(HTML) 1 Page - Kemet Corporation

  C941U101JVWDAA7317 Datasheet HTML 1Page - Kemet Corporation C941U101JVWDAA7317 Datasheet HTML 2Page - Kemet Corporation C941U101JVWDAA7317 Datasheet HTML 3Page - Kemet Corporation C941U101JVWDAA7317 Datasheet HTML 4Page - Kemet Corporation C941U101JVWDAA7317 Datasheet HTML 5Page - Kemet Corporation C941U101JVWDAA7317 Datasheet HTML 6Page - Kemet Corporation C941U101JVWDAA7317 Datasheet HTML 7Page - Kemet Corporation C941U101JVWDAA7317 Datasheet HTML 8Page - Kemet Corporation C941U101JVWDAA7317 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1068_X1_400 VAC_Y1_400 VAC • 1/13/2017
1
One world. One KEMET
Overview
KEMET’s 900 series encapsulated radial leaded ceramic
disc capacitors are specifically designed for interference-
suppression AC line filtering applications. Having
internationally recognized safety certifications, these
capacitors are well-suited for applications that require
keeping potentially disruptive or damaging line transients
and EMI out of susceptible equipment. They are also an
ideal solution when needing to suppress line disturbances
at the source.
Safety Certified Capacitors are classified as either X and/
or Y capacitors. Class X capacitors are primarily used in
line-to line (across-the-line) applications. In this application
there is no danger of electric shock to humans should the
capacitor fail, but could result in a risk of fire. The class Y
capacitor is primarily used in line-to-ground (line by-pass)
applications. In this application, failure of the capacitor
could lead to danger of electric shock.
With a working voltage of 400 VAC in line-to-line (Class X)and
400 VAC in line-to-ground (Class Y) applications, these safety
capacitors meet the impulse test criteria outlined in IEC
Standard 60384. Meeting subclass X1 and Y1 requirements,
these devices are certified to withstand impulses up to 4
KV (X1) and 8 KV (Y1) respectively. These encapsulated
devices also meet the flame test requirements outlined in UL
Standard 94V–0.
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, 900 Series, Encapsulated,
AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
Ordering Information
C9
3
1
U
101
J
V
S
D
A
A
7317
Ceramic
Series
Body
Diameter
Lead
Spacing1
Spec. Capacitance
Code (pF)
Capacitance
Tolerance
Rated
Voltage
Dielectric/
Temp. Char. Design Lead Config.
2 Failure
Rate
Packaging
(C-Spec)
C9 =
Ceramic
900
Series
0 = 7.0 mm
1 = 8.0 mm
2 = 9.0 mm
3 = 10.0 mm
4 = 11.0 mm
5 = 12.0 mm
6 = 13.0 mm
7 = 14.0 mm
1 =
10.0 mm
U =
Safety
Two
significant
digits and
number of
zeroes
J = ±5%
K = ±10%
M = ±20%
V = X1
400 VAC
/Y1 400
VAC
S = SL
Y = Y5P
W = Y5U
V = Y5V
D =
Disc
A = Straight
B = Vertical
Kink
C = Outside
Kink
A =
N/A
See
"Packaging
C-Spec
Ordering
Options
Table"
below
1
"Vertical Kink" and "Outside Kink" lead configurations cannot be combined with the bulk/20 mm lead length option (WL20). 20 mm lead length is
only available on capacitors ordered with straight leads (lead configuration ordering code "A"). For nonstandard lead length inquiries, please contact
KEMET.
2
Bulk packaging lead length availability is dependent upon "Lead Configuration." See "Dimensions" section of this document to verify availability of a
specific lead length option. For nonstandard lead length inquiries, please contact KEMET.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C941U101JVWDAA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C941U332MUVDBA7317 KEMET-C941U332MUVDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_U, 3300 pF, 20%, Y5V, Lead Spacing = 10mm
C941U332MVVDBA7317 KEMET-C941U332MVVDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_V, 3300 pF, 20%, Y5V, Lead Spacing = 10mm
C941U392MYVDBA7317 KEMET-C941U392MYVDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_Y, 3900 pF, 20%, Y5V, Lead Spacing = 10mm
C941U472JZSDAA7317 KEMET-C941U472JZSDAA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
C941U472JZSDBA7317 KEMET-C941U472JZSDBA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
More results

Similar Description - C941U101JVWDAA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C911U620JUSDAA7317 KEMET-C911U620JUSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade)
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C961U222MWWDAA7317 KEMET-C961U222MWWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C771U472MSWDAA7301 KEMET-C771U472MSWDAA7301 Datasheet
1Mb / 18P
   Safety Standard Recognized, C700, Encapsulated, KJN Type, X1 440/760 VAC/Y1 250/400/500 VAC (Industrial Grade)
10/25/2022
C971U472MZWDAA7317 KEMET-C971U472MZWDAA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
C741U470JSSDBAWL50 KEMET-C741U470JSSDBAWL50 Datasheet
265Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 47 pF, 5%, 440 VAC (X1), 400 VAC (Y1), SL, Lead Spacing = 10mm
2/03/2023
C721U102MSWDAAWL25 KEMET-C721U102MSWDAAWL25 Datasheet
257Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 1000 pF, 20%, 440 VAC (X1), 400 VAC (Y1), Y5U, Lead Spacing = 10mm
2/03/2023
C721U101KSYDAAWL25 KEMET-C721U101KSYDAAWL25 Datasheet
257Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 100 pF, 10%, 440 VAC (X1), 400 VAC (Y1), Y5P, Lead Spacing = 10mm
2/03/2023
C731U681KSYDBAWL35 KEMET-C731U681KSYDBAWL35 Datasheet
265Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 680 pF, 10%, 440 VAC (X1), 400 VAC (Y1), Y5P, Lead Spacing = 10mm
2/03/2023
C781U472MSWDCAWL50 KEMET-C781U472MSWDCAWL50 Datasheet
264Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 4700 pF, 20%, 440 VAC (X1), 400 VAC (Y1), Y5U, Lead Spacing = 10mm
2/03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com