Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C951U101JVWDAA7317 Datasheet(PDF) 6 Page - Kemet Corporation

Part # C951U101JVWDAA7317
Description  Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C951U101JVWDAA7317 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C951U101JVWDAA7317 Datasheet HTML 2Page - Kemet Corporation C951U101JVWDAA7317 Datasheet HTML 3Page - Kemet Corporation C951U101JVWDAA7317 Datasheet HTML 4Page - Kemet Corporation C951U101JVWDAA7317 Datasheet HTML 5Page - Kemet Corporation C951U101JVWDAA7317 Datasheet HTML 6Page - Kemet Corporation C951U101JVWDAA7317 Datasheet HTML 7Page - Kemet Corporation C951U101JVWDAA7317 Datasheet HTML 8Page - Kemet Corporation C951U101JVWDAA7317 Datasheet HTML 9Page - Kemet Corporation C951U101JVWDAA7317 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1068_X1_400 VAC_Y1_400 VAC • 1/13/2017
6
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
Table 2 – Performance & Reliability: Test Methods and Conditions
Item
Specification
Test Method
Operating Temperature Range
-40ºC to +125ºC
Dielectric
Strength
Between lead
wires
No failures
The capacitor shall not be damaged when 4,000 VAC(rms) is
applied between the lead wires for 60 seconds.
Body Insulation
No failures
The terminals (leads) of the capacitor
shall be connected together. A metal foil
is tightly wrapped around the body of the
capacitor at a distance of about 3 to 4 mm
from each terminal. The capacitor is then
inserted into a container filled with metal
balls approximately 1 mm in diameter. 4,000
VAC(rms) is applied for 60 seconds between
the capacitor lead wires and metal balls.
Metal
Foil
Metal
Balls
about
3 to 4 mm
Insulation Resistance (IR)
10,000 MΩ minimum
The insulation resistance shall be measured with 500±50 VDC
applied after 60±5 seconds of charging.
Capacitance
Within specified tolerance
Y5P, Y5U and Y5V: Capacitance is measured at 1 kHz ±20% and 5
Vrms or less. (20±2°C)
SL: Capacitance is measured at 1 MHz ±20% and 1.0±0.2 Vrms
(25°C)
Dissipation Factor (DF) or Q
Temperature
Characteristics
Specification
Y5P, Y5U
DF ≤ 2.5%
Y5V
DF ≤ 5.0%
SL
≥ 30 pF: Q ≥ 1,000
< 30 pF: Q ≥
400 +(20 x C)
C = Nominal
capacitance
Temperature Characteristics
Temperature
Characteristics
Capacitance
Change
Y5P
Within ±10%
Y5U
Within +22%/−56%
Y5V
Within
~+30%/−80%
SL
−1,000 ~+350 ppmºC
(+20ºC ~+85ºC)
A capacitance measurement is made at each step specified:
Step
Temperature
1
+20±2ºC
2
−25±2ºC
3
+20±2ºC
4
+85±2ºC
5
+20±2ºC
Pre-treatment:
Capacitor is stored at 85±2ºC for 1 hour and then placed at room
condition1 for 24±2 hours before measurement.
Terminal
Strength
Tensile
Lead wire or capacitor body shall not
break.
With the termination in its normal position, the specimen is held
by its body in such a manner that the axis of the termination is
vertical; a tensile force of 10 N is applied to the termination in the
direction of its axis and acting in a direction away from the body
of the specimen.
Bending
Lead wire or capacitor body shall not
break.
With the termination in its normal position, the specimen is held
by its body in such a manner that the axis of the termination is
vertical; a mass force of 5 N is then suspended from the end of
the termination. The body of the specimen is then inclined within
a period of 2 to 3 seconds, through an angle of approximately 90°
in the vertical plane and then resumed to its initial position over
the same period of time; this operation constitutes one bend.
One bend immediately followed by a second bend in the opposite
direction.
1
“Room Condition” is defined as follows: Temperature: 15 ~ 35°C/Humidity: 45 ~ 75%/Atmospheric Pressure: 86 ~ 106 kPa.


Similar Part No. - C951U101JVWDAA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C951U222KWDAA7317 KEMET-C951U222KWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C951U222KWDBA7317 KEMET-C951U222KWDBA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C951U222KWDCA7317 KEMET-C951U222KWDCA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C951U222MWDAA7317 KEMET-C951U222MWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C951U222MWDBA7317 KEMET-C951U222MWDBA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
More results

Similar Description - C951U101JVWDAA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C911U620JUSDAA7317 KEMET-C911U620JUSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade)
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C961U222MWWDAA7317 KEMET-C961U222MWWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C771U472MSWDAA7301 KEMET-C771U472MSWDAA7301 Datasheet
1Mb / 18P
   Safety Standard Recognized, C700, Encapsulated, KJN Type, X1 440/760 VAC/Y1 250/400/500 VAC (Industrial Grade)
10/25/2022
C971U472MZWDAA7317 KEMET-C971U472MZWDAA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
C741U470JSSDBAWL50 KEMET-C741U470JSSDBAWL50 Datasheet
265Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 47 pF, 5%, 440 VAC (X1), 400 VAC (Y1), SL, Lead Spacing = 10mm
2/03/2023
C721U102MSWDAAWL25 KEMET-C721U102MSWDAAWL25 Datasheet
257Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 1000 pF, 20%, 440 VAC (X1), 400 VAC (Y1), Y5U, Lead Spacing = 10mm
2/03/2023
C721U101KSYDAAWL25 KEMET-C721U101KSYDAAWL25 Datasheet
257Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 100 pF, 10%, 440 VAC (X1), 400 VAC (Y1), Y5P, Lead Spacing = 10mm
2/03/2023
C731U681KSYDBAWL35 KEMET-C731U681KSYDBAWL35 Datasheet
265Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 680 pF, 10%, 440 VAC (X1), 400 VAC (Y1), Y5P, Lead Spacing = 10mm
2/03/2023
C781U472MSWDCAWL50 KEMET-C781U472MSWDCAWL50 Datasheet
264Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 4700 pF, 20%, 440 VAC (X1), 400 VAC (Y1), Y5U, Lead Spacing = 10mm
2/03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com