Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C901U101KVVDAA7317 Datasheet(PDF) 5 Page - Kemet Corporation

Part # C901U101KVVDAA7317
Description  Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C901U101KVVDAA7317 Datasheet(HTML) 5 Page - Kemet Corporation

  C901U101KVVDAA7317 Datasheet HTML 1Page - Kemet Corporation C901U101KVVDAA7317 Datasheet HTML 2Page - Kemet Corporation C901U101KVVDAA7317 Datasheet HTML 3Page - Kemet Corporation C901U101KVVDAA7317 Datasheet HTML 4Page - Kemet Corporation C901U101KVVDAA7317 Datasheet HTML 5Page - Kemet Corporation C901U101KVVDAA7317 Datasheet HTML 6Page - Kemet Corporation C901U101KVVDAA7317 Datasheet HTML 7Page - Kemet Corporation C901U101KVVDAA7317 Datasheet HTML 8Page - Kemet Corporation C901U101KVVDAA7317 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1068_X1_400 VAC_Y1_400 VAC • 1/13/2017
5
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
Table 1 – Product Ordering Codes and Ratings
(1) To properly complete ordering code, insert the one-digit character code to reflect the required lead configuration: (See "Lead Configuration" section
of this document, page 2, for further details.)
A = Straight
B = Vertical Kink
C = Outside Kink
(2) To properly complete ordering code, enter the four-digit numeric or alphanumeric "Packaging C-Spec Ordering Code." See "Dimensions" section of
this document, page 2, for available options.
Dielectric/
Temp.
Char.
KEMET
Part Number
Capacitance
Capacitance
Tolerance
Dimensions (mm)
Lead Spacing
Body
Diameter
(Maximum)
Body
Thickness
(Maximum)
Lead
Diameter
Bulk
Packaging
Ammo
Packaging
SL
C901U150JVSD(1)A(2)
15 pF
±5%
7.0
5.0
0.55 ±0.1
10 mm
C901U180JVSD(1)A(2)
18 pF
C901U200JVSD(1)A(2)
20 pF
C901U220JVSD(1)A(2)
22 pF
C901U240JVSD(1)A(2)
24 pF
C901U270JVSD(1)A(2)
27 pF
C901U300JVSD(1)A(2)
30 pF
C901U330JVSD(1)A(2)
33 pF
C901U360JVSD(1)A(2)
36 pF
C901U390JVSD(1)A(2)
39 pF
C911U470JVSD(1)A(2)
47 pF
8.0
C911U500JVSD(1)A(2)
50 pF
C911U510JVSD(1)A(2)
51 pF
C911U560JVSD(1)A(2)
56 pF
C911U620JVSD(1)A(2)
62 pF
C921U680JVSD(1)A(2)
68 pF
9.0
C921U750JVSD(1)A(2)
75 pF
C921U820JVSD(1)A(2)
82 pF
C931U101JVSD(1)A(2)
100 pF
10.0
Y5P
C901U101KVYD(1)A(2)
100 pF
±10%
7.0
5.0
0.55 ±0.1
10 mm
C901U151KVYD(1)A(2)
150 pF
C901U221KVYD(1)A(2)
220 pF
C901U331KVYD(1)A(2)
330 pF
C911U471KVYD(1)A(2)
470 pF
8.0
C921U561KVYD(1)A(2)
560 pF
9.0
C921U681KVYD(1)A(2)
680 pF
C941U102KVYD(1)A(2)
1,000 pF
11.0
Y5U
C911U102MVWD(1)A(2)
1,000 pF
±20%
8.0
5.0
0.55 ±0.1
10 mm
C921U152MVWD(1)A(2)
1,500 pF
9.0
C931U222MVWD(1)A(2)
2,200 pF
10.0
C951U332MVWD(1)A(2)
3,300 pF
12.0
C961U392MVWD(1)A(2)
3,900 pF
13.0
C971U472MVWD(1)A(2)
4,700 pF
14.0
Y5V
C901U102MVVD(1)A(2)
1,000 pF
±20%
7.0
5.5
0.55 ±0.1
10 mm
C911U152MVVD(1)A(2)
1,500 pF
8.0
C921U222MVVD(1)A(2)
2,200 pF
9.0
C941U332MVVD(1)A(2)
3,300 pF
11.0
C951U472MVVD(1)A(2)
4,700 pF
12.0
KEMET Part Number
Capacitance
Capacitance
Tolerance
Body Diameter
(Maximum)
Body Thickness
(Maximum)
Lead Diameter
Lead Spacing


Similar Part No. - C901U101KVVDAA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C901U102MUVDCAWL35 KEMET-C901U102MUVDCAWL35 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_U, 1000 pF, 20%, Y5V, Lead Spacing = 10mm
C901U102MYVDBA7317 KEMET-C901U102MYVDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_Y, 1000 pF, 20%, Y5V, Lead Spacing = 10mm
More results

Similar Description - C901U101KVVDAA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C911U620JUSDAA7317 KEMET-C911U620JUSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade)
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C961U222MWWDAA7317 KEMET-C961U222MWWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C771U472MSWDAA7301 KEMET-C771U472MSWDAA7301 Datasheet
1Mb / 18P
   Safety Standard Recognized, C700, Encapsulated, KJN Type, X1 440/760 VAC/Y1 250/400/500 VAC (Industrial Grade)
10/25/2022
C971U472MZWDAA7317 KEMET-C971U472MZWDAA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
C741U470JSSDBAWL50 KEMET-C741U470JSSDBAWL50 Datasheet
265Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 47 pF, 5%, 440 VAC (X1), 400 VAC (Y1), SL, Lead Spacing = 10mm
2/03/2023
C721U102MSWDAAWL25 KEMET-C721U102MSWDAAWL25 Datasheet
257Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 1000 pF, 20%, 440 VAC (X1), 400 VAC (Y1), Y5U, Lead Spacing = 10mm
2/03/2023
C721U101KSYDAAWL25 KEMET-C721U101KSYDAAWL25 Datasheet
257Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 100 pF, 10%, 440 VAC (X1), 400 VAC (Y1), Y5P, Lead Spacing = 10mm
2/03/2023
C731U681KSYDBAWL35 KEMET-C731U681KSYDBAWL35 Datasheet
265Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 680 pF, 10%, 440 VAC (X1), 400 VAC (Y1), Y5P, Lead Spacing = 10mm
2/03/2023
C781U472MSWDCAWL50 KEMET-C781U472MSWDCAWL50 Datasheet
264Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 4700 pF, 20%, 440 VAC (X1), 400 VAC (Y1), Y5U, Lead Spacing = 10mm
2/03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com