Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS22B5A1BLAF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # AMS22B5A1BLAF
Description  Non-Contacting Analog Rotary Position Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AMS22B5A1BLAF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  AMS22B5A1BLAF Datasheet HTML 1Page - Bourns Electronic Solutions AMS22B5A1BLAF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
AMS22BNon-ContactingAnalogRotaryPositionSensor
How To Order
REV. 01/17
AM S2 2B 5A1B LA SL 33
N
4
Code
S
Description
Single-turn
CONFIGURATION
Code
B
Description
Bushing Mount
7/8 ” Shaft FMS,
1/4 ” Shaft Dia.
MOUNTING CONFIGURATION
Code
AM
Description
Analog Magnetic
MODEL DESIGNATOR
Code
22
Description
22 mm
SIZE
Code
Type
Analog
Signal
Single
Resolution
12 Bit
OUTPUT TYPE
Code
01
02
03
34
35
36
Description
10 °
20 °
30 °
340 °
350 °
360 °
EFFECTIVE
ELECTRICAL ANGLE
10 ° Increments
Code
5
Description
5 VDC
Code
H
L
Output Refresh Rate
High (200 µs Typ.)
Low (600 µs Typ.)
PROCESSING SPEED
Code
F
S
Description
Flatted
Slotted
SHAFT STYLE
Code
A
B
C
Description
1-99 % of VCC
5-95 % of VCC
10-90 % of VCC
VOLTAGE RATIO ±1 %
Code
1
3
Description
CCW (Increasing Voltage)
CW (Increasing Voltage)
Shaded areas represent most common features.
* See Figure 1 for clarification.
DIRECTION*
Code
N
S
Description
Continuous
Hard Stop (340 +4/-0 °)
HARD STOP
Code
B
C
Description
0.5 %
0.3 %
INDEPENDENT LINEARITY
A1
Code
L
Description
Axial
TERMINAL CONFIGURATION
SUPPLY VOLTAGE, VCC
Notes:
• Effective Electrical Angle
available in 10 ° increments from
a minimum of 10 ° to 360 ° maximum.
• Use Code "BB" for 45°.
Standard Output: 1-Turn CW Increasing (Code 334 Shown)
40
50
60
30
20
10
0
0
100
200
Shaft Side Load (grams)
300
400
500
50
150
250
350
450
8
10
12
6
4
2
0
0
100
200
Shaft Side Load (grams)
300
400
500
50
150
250
350
450
40
30
20
10
0
90
100
80
70
60
50
0
CW DIRECTION
Mechanical Angle (°)
20 40 60 80 100 120 140 160 180 200 220 240 260 280 300 320340 360
VOLTAGE RATIO “A”
VOLTAGE RATIO “C”
Applications
n
Patientplatformpositioningfeedback
n
Pneumaticcontrolvalvepositionfeedback
n
Drawwirepositionsensors
n
Remotecommunicationsantenna
positioning
n
Actuatormotorpositionfeedback
n
Automatedmanufacturingrobotics
n
Tiltcontrolandtiltpositioningfeedback
n
Footpedal,steering,lift-and-shuttleand
suspensionsystems
EEA Resolution
10
114
20
228
30
341
40
455
45
512
50
569
60
683
70
796
80
910
90
1024
100
1138
110
1252
120
1365
Resolution
EEA Resolution
130
1479
140
1593
150
1707
160
1820
170
1934
180
2048
190
2162
200
2276
210
2389
220
2503
230
2617
240
2731
250
2844
EEA Resolution
260
2958
270
3072
280
3186
290
3300
300
3413
310
3527
320
3641
330
3755
340
3868
350
3982
360
4096


Similar Part No. - AMS22B5A1BLAF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
AMS22B5A1BLAFL101N BOURNS-AMS22B5A1BLAFL101N Datasheet
270Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22B5A1BLAFL102N BOURNS-AMS22B5A1BLAFL102N Datasheet
270Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22B5A1BLAFL103N BOURNS-AMS22B5A1BLAFL103N Datasheet
270Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22B5A1BLAFL301N BOURNS-AMS22B5A1BLAFL301N Datasheet
270Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22B5A1BLAFL302N BOURNS-AMS22B5A1BLAFL302N Datasheet
270Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
More results

Similar Description - AMS22B5A1BLAF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
AMS22U5A1BHAR BOURNS-AMS22U5A1BHAR Datasheet
277Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22B BOURNS-AMS22B_14 Datasheet
270Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22S5A1BHAF BOURNS-AMS22S5A1BHAF Datasheet
259Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22S5A1BHBF BOURNS-AMS22S5A1BHBF Datasheet
259Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22B5A1BHAS BOURNS-AMS22B5A1BHAS Datasheet
264Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22S BOURNS-AMS22S_14 Datasheet
269Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22U BOURNS-AMS22U_14 Datasheet
293Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22S BOURNS-AMS22S Datasheet
202Kb / 2P
   AMS22S Non-Contacting Analog Rotary Position Sensor
AMS22B BOURNS-AMS22B Datasheet
279Kb / 3P
   AMS22B Non-Contacting Analog Rotary Position Sensor
AMS22U BOURNS-AMS22U Datasheet
245Kb / 2P
   AMS22U Non-Contacting Analog Rotary Position Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com