Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7515IY-T13 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL7515IY-T13
Description  High Frequency PWM Step-Up Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7515IY-T13 Datasheet(HTML) 9 Page - Intersil Corporation

  EL7515IY-T13 Datasheet HTML 1Page - Intersil Corporation EL7515IY-T13 Datasheet HTML 2Page - Intersil Corporation EL7515IY-T13 Datasheet HTML 3Page - Intersil Corporation EL7515IY-T13 Datasheet HTML 4Page - Intersil Corporation EL7515IY-T13 Datasheet HTML 5Page - Intersil Corporation EL7515IY-T13 Datasheet HTML 6Page - Intersil Corporation EL7515IY-T13 Datasheet HTML 7Page - Intersil Corporation EL7515IY-T13 Datasheet HTML 8Page - Intersil Corporation EL7515IY-T13 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7120.1
May 13, 2005
MSOP Package Information
NOTE: The package drawing shown here may not be the latest version. To check the latest revision, please refer to the Intersil
website at <http://www.intersil.com/design/packages/index.asp>
DETAIL X
Symbol
DIMENSION TABLE
Tolerance
A
A1
A2
D
E
E1
L
b
c
L1
1.10
0.10
0.86
3.00
4.90
3.00
0.55
0.23
0.18
MAX.
+/- 0.05
+/- 0.09
+/- 0.10
+/- 0.15
+/- 0.10
+/- 0.15
+0.07/-0.08
+/- 0.05
Basic
(1)
(2)
Notes:
(1) Plastic or metal protrusions of 0.15 mm
maximum per side are not included.
(2) Plastic interlead protrusi
ons of 0.25 mm
maximum per side are not included.
(3) Dimensions "D" and "E1" aremeasured
at Datum Plane "H".
(4) Dimensioning and tolerancing per
ASME Y14.5M-1994.
(3)
(3)
B
A
0.25
C A B
1
(N/2)
(N/2)+1
N
C
Plane
Seating
N Leads
0.10
C
0.08
C A B
H
3×±3×
Gauge
Plane
See Detail "X"
0.95
e0.50
Basic
Pin #1
I.D. Mark
E1
E
e
b
L1
c
A
0.25
A2
A1
L
HIGH PERFORMANCE ANA
LOG INTEGRATED CIRCUITS
Semiconductor, Inc.
Rev: C
Date: 6/14/99
Drawing #: MDP0043
PACKAGE OUTLINE DRAWING
MINI SO PACKAGE (MSOP) PACKAGE FAMILY
JEDEC Reg: MO-187
Units: mm
MSOP8
MSOP10
0.10
0.95
0.65
0.33
0.18
4.90
3.00
0.55
0.86
3.00
1.10
N8
10
Reference
EL7515


Similar Part No. - EL7515IY-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7515IY-T13 INTERSIL-EL7515IY-T13 Datasheet
179Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7515IY-T13 RENESAS-EL7515IY-T13 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
More results

Similar Description - EL7515IY-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
EL7512 RENESAS-EL7512 Datasheet
501Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7515 INTERSIL-EL7515_07 Datasheet
179Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Elantec Semiconductor
EL7512C ELANTEC-EL7512C Datasheet
1Mb / 9P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7512 INTERSIL-EL7512 Datasheet
249Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
ON Semiconductor
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com