Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

408-8040 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 408-8040
Description  Printed Circuit (PC) Board Pins and Disconnect Receptacle Contacts
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

408-8040 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  408-8040 Datasheet HTML 1Page - TE Connectivity Ltd 408-8040 Datasheet HTML 2Page - TE Connectivity Ltd 408-8040 Datasheet HTML 3Page - TE Connectivity Ltd 408-8040 Datasheet HTML 4Page - TE Connectivity Ltd 408-8040 Datasheet HTML 5Page - TE Connectivity Ltd 408-8040 Datasheet HTML 6Page - TE Connectivity Ltd 408-8040 Datasheet HTML 7Page - TE Connectivity Ltd 408-8040 Datasheet HTML 8Page - TE Connectivity Ltd 408-8040 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
114-1008
Rev K1
5 of 11
Drying
When drying cleaned assemblies and pc boards, make certain that temperature limitations are not
exceeded: -55 to 105°C [-67 to 221°F] for standard temperature products. Excessive temperatures may
cause pin degradation.
3.5. Pin Insertion
Carrier Cutoff Tab
The pin cutoff tab must not exceed the dimension given in Figure 7.
Figure 6
Inspection
— Leg protrusion (including the cutoff tab) must meet dimension given in Figure 7.
For the clinch fit pin, the width of the legs must meet dimension given in Figure 7.
— The bead of the pin must be in contact with the pc board.
— The pin must be perpendicular to the pc board to a maximum of 5 degrees.
— The pin must not be able to rotate, nor exhibit looseness, when torque is applied by finger force.
PIN
PC BOARD
THICKNESS
DIMENSION
DESCRIPTION
DIAMETER
TYPE
Y
Z
Press Fit
.058
A, B
1.588 [.0625]
1.65-2.79 [.065-.110]
2.380 [.0937]
1.65-2.16 [.065-.085]
Clinch Fit
.058
C
1.588 [.0625]
0.38-1.42 [.015-.056]
2.79
±0.51 [.110±.020]
D
1.588 [.0625]
1.27 [.050] Max
2.92 [.115] Max
001.19 [.047]
1.14 [.045] Max
3.55 [.140] Max
.093
E
1.588 [.0625]
0.38-1.42 [.015-.056]
2.79
±0.51 [.110±.020]
Figure 7
— The inserted pin must have solder fillets evenly formed around each leg.
Clinch Fit Pin
Y
Z
Press Fit Pin
Y
5° Max
5° Max
Bead
Bead
0.25 [.010] Max
Cutoff Tab


Similar Part No. - 408-8040

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8040 TEC-408-8040 Datasheet
252Kb / 11P
   Audio/Microphone Connectors
More results

Similar Description - 408-8040

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
182N MILL-MAX-182N Datasheet
119Kb / 1P
   PRINTED CIRCUIT PINS
183N MILL-MAX-183N Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
0272-0-01-34-00-00-03-0 MILL-MAX-0272-0-01-34-00-00-03-0 Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
182M MILL-MAX-182M Datasheet
287Kb / 1P
   PRINTED CIRCUIT PINS
0257-0-00-01-00-00-03-0 MILL-MAX-0257-0-00-01-00-00-03-0 Datasheet
116Kb / 1P
   PRINTED CIRCUIT PINS
0265-0-01-01-00-00-03-0 MILL-MAX-0265-0-01-01-00-00-03-0 Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
2956-0-00-XX-00-00-03-0 MILL-MAX-2956-0-00-XX-00-00-03-0 Datasheet
210Kb / 1P
   PRINTED CIRCUIT PINS
0700-0-00-15-00-00-03-0 MILL-MAX-0700-0-00-15-00-00-03-0 Datasheet
760Kb / 1P
   PRINTED CIRCUIT PINS
0700-0-00-15-00 MILL-MAX-0700-0-00-15-00 Datasheet
760Kb / 1P
   PRINTED CIRCUIT PINS
0290-0-00-34-00-00-03-0 MILL-MAX-0290-0-00-34-00-00-03-0 Datasheet
119Kb / 1P
   PRINTED CIRCUIT PINS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com