Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7581IREZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL7581IREZ-T7
Description  3-Channel DC-DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7581IREZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL7581IREZ-T7 Datasheet HTML 1Page - Intersil Corporation EL7581IREZ-T7 Datasheet HTML 2Page - Intersil Corporation EL7581IREZ-T7 Datasheet HTML 3Page - Intersil Corporation EL7581IREZ-T7 Datasheet HTML 4Page - Intersil Corporation EL7581IREZ-T7 Datasheet HTML 5Page - Intersil Corporation EL7581IREZ-T7 Datasheet HTML 6Page - Intersil Corporation EL7581IREZ-T7 Datasheet HTML 7Page - Intersil Corporation EL7581IREZ-T7 Datasheet HTML 8Page - Intersil Corporation EL7581IREZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN7100.4
EL7581
3-Channel DC-DC Converter
The EL7581 is a 3-channel DC-DC
converter IC which is designed
primarily for use in TFT/LCD
applications. It features a PWM boost converter with 2.7V to
14V input capability and 5V to 17V output, which powers the
column drivers and provides up to 720mA @12V, 570mA @
15V from 5V input. A pair of charge pump control circuits
provide regulated outputs of VON and VOFF supplies at 8V
to 40V and -5V to -40V, respectively, each at up to 60mA.
The EL7581 features adjustable switching frequency,
adjustable soft start, and a separate output VON enable
control to allow selection of supply start-up sequence. An
over-temperature feature is provided to allow the IC to be
automatically protected from excessive power dissipation.
The EL7581 is available in a 20-pin HTSSOP package and
is specified for operation over the full -40°C to +85°C
temperature range.
Features
• TFT/LCD display supply
- Boost regulator
-VON charge pump
-VOFF charge pump
• 2.7V to 14V VIN supply
•5V < VBOOST < 17V
•5V < VON < 40V
• -40V < VOFF < 0V
•VBOOST = 12V @ 720mA
•VBOOST = 15V @ 570mA
• High frequency, small inductor DC-DC boost circuit
• Over 90% efficient DC-DC boost converter capability
• Adjustable frequency
• Adjustable soft-start
• Adjustable outputs
• Small parts count
Applications
• TFT-LCD panels
•PDAs
Pinout
EL7581
(20-PIN HTSSOP)
TOP VIEW
Ordering Information
PART
NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL7581IRE
20-Pin HTSSOP
-
MDP0048
EL7581IRE-T7
20-Pin HTSSOP
7”
MDP0048
EL7581IRE-T13
20-Pin HTSSOP
13”
MDP0048
EL7581IREZ
(Note)
20-Pin HTSSOP
(Pb-Free)
-
MDP0048
EL7581IREZ-T7
(Note)
20-Pin HTSSOP
(Pb-Free)
7”
MDP0048
EL7581IREZ-T13
(Note)
20-Pin HTSSOP
(Pb-Free)
13”
MDP0048
NOTE: Intersil Pb-Free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and Pb-
free soldering operations. Intersil Pb-Free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
THERMAL
PAD*
ROSC
ENP
ENBN
VREF
PGND
PGND
DRVP
VDDP
FBP
VSSP
VSSB
SS
FBB
VDDB
LX
LX
LX
DRVN
VDDN
FBN
*Refer to PCB layout guideline.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Data Sheet
April 16, 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL7581IREZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7581IREZ-T7 INTERSIL-EL7581IREZ-T7 Datasheet
505Kb / 17P
   3-Channel DC/DC Converter
logo
Renesas Technology Corp
EL7581IREZ-T7 RENESAS-EL7581IREZ-T7 Datasheet
813Kb / 17P
   3-Channel DC/DC Converter
More results

Similar Description - EL7581IREZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7583IR INTERSIL-EL7583IR Datasheet
526Kb / 16P
   3-Channel DC/DC Converter
logo
Renesas Technology Corp
EL7583 RENESAS-EL7583 Datasheet
822Kb / 16P
   3-Channel DC/DC Converter
logo
Intersil Corporation
EL7583IR INTERSIL-EL7583IR Datasheet
526Kb / 16P
   3-Channel DC/DC Converter
May 12, 2006
logo
Renesas Technology Corp
EL7581 RENESAS-EL7581 Datasheet
813Kb / 17P
   3-Channel DC/DC Converter
logo
Intersil Corporation
EL7581 INTERSIL-EL7581_06 Datasheet
505Kb / 17P
   3-Channel DC/DC Converter
EL7583 INTERSIL-EL7583 Datasheet
778Kb / 15P
   3-Channel DC-DC Converter
EL7583 INTERSIL-EL7583_06 Datasheet
523Kb / 16P
   3-Channel DC/DC Converter
logo
Advanced Analogic Techn...
AAT2785 ANALOGICTECH-AAT2785 Datasheet
635Kb / 22P
   3-Channel Step-Down DC/DC Converter
AAT2784 ANALOGICTECH-AAT2784 Datasheet
693Kb / 21P
   3-Channel Step-Down DC/DC Converter
logo
List of Unclassifed Man...
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com