Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C911U101MVWDBA7317 Datasheet(PDF) 2 Page - Kemet Corporation

Part # C911U101MVWDBA7317
Description  Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C911U101MVWDBA7317 Datasheet(HTML) 2 Page - Kemet Corporation

  C911U101MVWDBA7317 Datasheet HTML 1Page - Kemet Corporation C911U101MVWDBA7317 Datasheet HTML 2Page - Kemet Corporation C911U101MVWDBA7317 Datasheet HTML 3Page - Kemet Corporation C911U101MVWDBA7317 Datasheet HTML 4Page - Kemet Corporation C911U101MVWDBA7317 Datasheet HTML 5Page - Kemet Corporation C911U101MVWDBA7317 Datasheet HTML 6Page - Kemet Corporation C911U101MVWDBA7317 Datasheet HTML 7Page - Kemet Corporation C911U101MVWDBA7317 Datasheet HTML 8Page - Kemet Corporation C911U101MVWDBA7317 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1068_X1_400 VAC_Y1_400 VAC • 1/13/2017
2
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
Packaging C-Spec Ordering Options Table
Packaging Type
Lead Length
(mm)2,3
Packaging
Ordering Code (C-Spec)
Ammo Pack
20.0 +1.5/−1.0 (straight leads)
18.0 +2.0/−0 (preformed leads1)
7317
Bulk Bag
3.0±1.0
WL30
3.5±1.0
WL35
4.0±1.0
WL40
4.5±1.0
WL45
5.0±1.0
WL50
20.0 minimum4
WL20
1
Preformed (crimped) lead configurations include vertical kink, outside kink and inside kink. See "Lead Configurations" and "Ordering Information"
sections of this document for further details.
2
"Vertical Kink", "Outside Kink" and "Inside Kink" lead configurations cannot be combined with the bulk/20 mm lead length option (WL20). 20 mm lead
length is only available on capacitors with straight leads (lead configuration ordering code "A"). For nonstandard lead length inquiries, please contact
KEMET.
3
For nonstandard lead length inquiries, please contact KEMET.
4
Lead length of 20.0 mm minimum only available for straight leads.
Benefits
• Safety Standard Recognized (IEC 60384-14)
• Reliable operation up to 125°C
• Class X1/Y1
• 10 mm lead spacing
• Lead (Pb)-free and RoHS Compliant
• Halogen free
• Capacitance offerings ranging from 10 pF up to 10 nF
• Available capacitance tolerances of ±5%, ±10% and ±20%
• High reliability
• Preformed (crimped) or straight lead configurations
• Non-polar device, minimizing installation concerns
• 100% pure matte tin-plated lead finish allowing for excellent solderability
• Encapsulation meets flammability standard UL 94V–0
Applications
Typical applications include:
• Line-to-line (Class X) filtering
• Line-to-ground (Class Y) filtering
• Antenna coupling
• Primary and secondary coupling (switching power supplies)
• Line disturbances suppression (motors and motor controls, relays, switching power supplies, and inverters)


Similar Part No. - C911U101MVWDBA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C911U102MUWDBA7317 KEMET-C911U102MUWDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_U, 1000 pF, 20%, Y5U, Lead Spacing = 10mm
C911U102MVWDAA7317 KEMET-C911U102MVWDAA7317 Datasheet
56Kb / 1P
   Ceramic, Safety, C900_V, 1000 pF, 20%, Y5U, Lead Spacing = 10mm
C911U102MVWDBA7317 KEMET-C911U102MVWDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_V, 1000 pF, 20%, Y5U, Lead Spacing = 10mm
More results

Similar Description - C911U101MVWDBA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C911U620JUSDAA7317 KEMET-C911U620JUSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade)
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C961U222MWWDAA7317 KEMET-C961U222MWWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C771U472MSWDAA7301 KEMET-C771U472MSWDAA7301 Datasheet
1Mb / 18P
   Safety Standard Recognized, C700, Encapsulated, KJN Type, X1 440/760 VAC/Y1 250/400/500 VAC (Industrial Grade)
10/25/2022
C971U472MZWDAA7317 KEMET-C971U472MZWDAA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
C741U470JSSDBAWL50 KEMET-C741U470JSSDBAWL50 Datasheet
265Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 47 pF, 5%, 440 VAC (X1), 400 VAC (Y1), SL, Lead Spacing = 10mm
2/03/2023
C721U102MSWDAAWL25 KEMET-C721U102MSWDAAWL25 Datasheet
257Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 1000 pF, 20%, 440 VAC (X1), 400 VAC (Y1), Y5U, Lead Spacing = 10mm
2/03/2023
C721U101KSYDAAWL25 KEMET-C721U101KSYDAAWL25 Datasheet
257Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 100 pF, 10%, 440 VAC (X1), 400 VAC (Y1), Y5P, Lead Spacing = 10mm
2/03/2023
C731U681KSYDBAWL35 KEMET-C731U681KSYDBAWL35 Datasheet
265Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 680 pF, 10%, 440 VAC (X1), 400 VAC (Y1), Y5P, Lead Spacing = 10mm
2/03/2023
C781U472MSWDCAWL50 KEMET-C781U472MSWDCAWL50 Datasheet
264Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 4700 pF, 20%, 440 VAC (X1), 400 VAC (Y1), Y5U, Lead Spacing = 10mm
2/03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com